Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6992HS6-1-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6992HS6-1-PBF
Description  TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6992HS6-1-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC6992HS6-1-PBF Datasheet HTML 1Page - Linear Technology LTC6992HS6-1-PBF Datasheet HTML 2Page - Linear Technology LTC6992HS6-1-PBF Datasheet HTML 3Page - Linear Technology LTC6992HS6-1-PBF Datasheet HTML 4Page - Linear Technology LTC6992HS6-1-PBF Datasheet HTML 5Page - Linear Technology LTC6992HS6-1-PBF Datasheet HTML 6Page - Linear Technology LTC6992HS6-1-PBF Datasheet HTML 7Page - Linear Technology LTC6992HS6-1-PBF Datasheet HTML 8Page - Linear Technology LTC6992HS6-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
3
69921234p
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6992HS6-3#PBF
LTC6992HS6-3#TRPBF
XXXX
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6992CDCB6-4#PBF
LTC6992CDCB6-4#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
0°C to 70°C
LTC6992IDCB6-4#PBF
LTC6992IDCB6-4#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC6992HDCB6-4#PBF
LTC6992HDCB6-4#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC6992CS6-4#PBF
LTC6992CS6-4#TRPBF
XXXX
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6992IS6-4#PBF
LTC6992IS6-4#TRPBF
XXXX
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-4#PBF
LTC6992HS6-4#TRPBF
XXXX
6-Lead Plastic TSOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, VMOD = 0V to VSET,
DIVCODE = 0 to 15 (NDIV = 1 to 16,384), RSET = 50k to 800k, RLOAD = 5k, CLOAD = 5pF unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillation Frequency
fOUT
Output Frequency
3.81
1000000
Hz
ΔfOUT
Frequency Accuracy (Note 4)
3.81Hz ≤ fOUT ≤ 1MHz
l
±0.8
±1.7
±2.4
%
%
ΔfOUT/ΔT
Frequency Drift Over Temperature
l
±0.005
%/°C
ΔfOUT/ΔV+ Frequency Drift Over Supply
V+ = 4.5V to 5.5V
V+ = 2.25V to 4.5V
l
l
0.25
0.08
0.65
0.18
%/V
%/V
Period Jitter (Note 11)
NDIV = 1
1.2
%P-P
NDIV = 4
0.4
0.07
%P-P
%RMS
NDIV = 16
0.15
0.022
%P-P
%RMS
Long-Term Stability of Output
Frequency (Note 9)
TBD
ppm/√kHz
BWFM
Frequency Modulation Bandwidth
TBD
kHz
tS,FM
Frequency Change Settling Time
(Note 10)
tMASTER = tOUT/NDIV
TBD
μs
Pulse Width Modulation
ΔD
PWM Duty Cycle Accuracy
VMOD = 0.2 • VSET to 0.8 • VSET
VMOD < 0.2 • VSET or VMOD > 0.8 • VSET
l
l
±1.5
±2.0
±4.5
±4.9
%
%
DMAX
Maximum Duty Cycle Limit
LTC6992-1/LTC6992-3, POL = 0, VMOD = 1V l
100
%
LTC6992-2/LTC6992-4, POL = 0, VMOD = 1V l
90.5
95
99
%
DMIN
Minimum Duty Cycle Limit
LTC6992-1/LTC6992-4, POL = 0, VMOD = 0V l
0%
LTC6992-2/LTC6992-3, POL = 0, VMOD = 0V l
1
5
9.5
%
BWPWM
PWM Duty Cycle Bandwidth
TBD
kHz
tS,PWM
Duty Cycle Setting Time (Note 6)
tMASTER = tOUT/NDIV
TBD
μs


Similar Part No. - LTC6992HS6-1-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992HS6-1#TRMPBF AD-LTC6992HS6-1#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992HS6-1#WTRMPBF AD-LTC6992HS6-1#WTRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
More results

Similar Description - LTC6992HS6-1-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992-1 AD-LTC6992-1 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-3 LINER-LTC6992-3_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-1 LINER-LTC6992-1_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com