Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6256CKC-TRMPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6256CKC-TRMPBF
Description  6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6256CKC-TRMPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6256CKC-TRMPBF Datasheet HTML 2Page - Linear Technology LTC6256CKC-TRMPBF Datasheet HTML 3Page - Linear Technology LTC6256CKC-TRMPBF Datasheet HTML 4Page - Linear Technology LTC6256CKC-TRMPBF Datasheet HTML 5Page - Linear Technology LTC6256CKC-TRMPBF Datasheet HTML 6Page - Linear Technology LTC6256CKC-TRMPBF Datasheet HTML 7Page - Linear Technology LTC6256CKC-TRMPBF Datasheet HTML 8Page - Linear Technology LTC6256CKC-TRMPBF Datasheet HTML 9Page - Linear Technology LTC6256CKC-TRMPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC6255/LTC6256/LTC6257

625567f
Note1:StressesbeyondthoselistedunderAbsoluteMaximumRatings
maycausepermanentdamagetothedevice.ExposuretoanyAbsolute
MaximumRatingconditionforextendedperiodsmayaffectdevice
reliabilityandlifetime.
Note2:Theinputsareprotectedbyback-to-backdiodesaswellasESD
protectiondiodestoeachpowersupply.Ifthedifferentialinputvoltage
exceeds3.6Vortheinputextendsmorethan500mVbeyondthepower
supply,theinputcurrentshouldbelimitedtolessthan10mA.
Note3:Aheatsinkmayberequiredtokeepthejunctiontemperature
belowtheabsolutemaximumratingwhentheoutputisshorted
indefinitely.
Note4:TheLTC6255C/LTC6256C/LTC6257CandLTC6255I/LTC6256I/
LTC6257Iareguaranteedfunctionaloverthetemperaturerangeof
–40°Cto85°C.TheLTC6255H/LTC6256H/LTC6257Hareguaranteed
functionaloverthetemperaturerangeof–40°Cto125°C.
1.8V electricAl chArActeristics
Theldenotesthespecificationswhichapplyoverthefull
operatingtemperaturerange,otherwisespecificationsareatTA=25°C.VSUPPLY=1.8V,VCM=VOUT=0.4V,CL=10pF,VSHDNis
unconnected.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
OutputSwingHigh(InputOverdrive30mV),
MeasuredfromV+
NoLoad
l
24
55
60
mV
mV
ISOURCE=100µA
l
30
65
75
mV
mV
ISOURCE=1mA
l
75
135
150
mV
mV
ISC
OutputShort-CircuitCurrent
l
12.5
3.5
17
mA
mA
IS
SupplyCurrentperAmplifier
l
53
35
60
68
83
µA
µA
SupplyCurrentinShutdown
l
1.4
2.0
3.0
µA
µA
ISHDN
ShutdownPinCurrent
VSHDN=0.5V
VSHDN=1.3V
l
l
–480
–160
–350
–40
nA
nA
VIL
SHDNInputLowVoltage
Disable
l
0.5
V
VIH
SHDNInputHighVoltage
Enable
l
1.3
V
tON
Turn-OnTime
5
µs
tOFF
Turn-OffTime
3
µs
BW
–3dBClosedLoopBandwidth
AV=1
4
MHz
GBW
Gain-BandwidthProduct
f=200kHz
l
2.4
1.8
6
MHz
MHz
TS
SettlingTime,0.3Vto1.5V,UnityGain
0.1%
0.01%
4
6
µs
µs
SR
SlewRate
AV=–1,VOUT=0.3Vto1.5V,CLOAD=10pF
l
0.9
0.75
1.5
V/µs
V/µs
FPBW
FullPowerBandwidth(Note8)
1.2VP-P
400
kHz
THD+N
TotalHarmonicDistortionandNoise
f=500Hz,AV=2,RL=4kΩ,VOUTP-P=1V
VIN=0.25Vto0.75V
0.006
84
%
dB
Note5:TheLTC6255C/LTC6256C/LTC6257Careguaranteedtomeet
thespecifiedperformancefrom0°Cto70°C.TheLTC6255C/LTC6256C/
LTC6257Caredesigned,characterizedandexpectedtomeetspecified
performancefrom–40°Cto85°CbutarenottestedorQAsampledat
thesetemperatures.TheLTC6255I/LTC6256I/LTC6257Iareguaranteed
tomeetspecifiedperformancefrom–40°Cto85°C.TheLTC6255H/
LTC6256H/LTC6257Hareguaranteedtomeetspecifiedperformance
from–40°Cto125°C.
Note6:ThermalresistancevarieswiththeamountofPCboardmetal
connectedtothepackage.Thespecifiedvaluesareforshorttraces
connectedtotheleads.
Note7:Theinputbiascurrentistheaverageofthecurrentsthroughthe
positiveandnegativeinputpins.
Note8:FullpowerbandwidthiscalculatedfromtheslewrateFPBW=
SR/π•VP-P.


Similar Part No. - LTC6256CKC-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256 Datasheet
437Kb / 20P
   Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
LTC6256 LINER-LTC6256 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC6256 LINER-LTC6256 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6256CKC-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com