Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4361IDC-2-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4361IDC-2-TRPBF
Description  Overvoltage/Overcurrent Protection Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4361IDC-2-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC4361IDC-2-TRPBF Datasheet HTML 1Page - Linear Technology LTC4361IDC-2-TRPBF Datasheet HTML 2Page - Linear Technology LTC4361IDC-2-TRPBF Datasheet HTML 3Page - Linear Technology LTC4361IDC-2-TRPBF Datasheet HTML 4Page - Linear Technology LTC4361IDC-2-TRPBF Datasheet HTML 5Page - Linear Technology LTC4361IDC-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC4361IDC-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC4361IDC-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC4361IDC-2-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4361-1/LTC4361-2
3
436112f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VON = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VIN
Input Voltage Range
l
2.5
80
V
VIN(UVL)
Input Undervoltage Lockout
VIN Rising
l
1.8
2.1
2.45
V
IIN
Input Supply Current
VON = 0V
l
220
400
μA
VON = 2.5V
l
1.5
10
μA
Thresholds
VIN(OV)
IN Pin Overvoltage Threshold
VIN Rising
l
5.684
5.8
5.916
V
ΔVOV
Overvoltage Hysteresis
l
25
100
200
mV
ΔVOC
Overcurrent Threshold
VIN – VSENSE
l
45
50
55
mV
External Gate Drive
ΔVGATE
External N-Channel MOSFET Gate Drive
(VGATE – VOUT)
2.5V ≤ VIN < 3V, IGATE = –1μA
3V ≤ VIN < 5.5V, IGATE = –1μA
l
l
3.5
4.5
4.5
6
6
7.9
V
V
VGATE(TH)
GATE High Threshold for PWRGD Status VIN = 3.3V
VIN = 5V
l
l
5.7
6.7
6.3
7.2
6.8
7.8
V
V
IGATE(UP)
GATE Pull-Up Current
VGATE = 1V
l
–5
–10
–15
μA
VGATE(UP)
GATE Ramp-Up
VGATE = 1V to 7V
l
1.5
3
4.5
V/ms
IGATE(FST)
GATE Pull-Down Current
Fast Turn-Off, VIN = 6V, VGATE = 9V
l
15
30
60
mA
IGATE(DN)
GATE Pull-Down Current
VON = 2.5V, VGATE = 9V
l
10
40
80
μA
Input Pins
IOUT(IN)
OUT Input Current
VOUT = 5V, VON = 0V
VOUT = 5V, VON = 2.5V
l
l
510
0
20
±3
μA
μA
VON(TH)
ON Input Threshold
l
0.4
1.5
V
ION
ON Pull-Down Current
VON = 2.5V
l
2.5
5
10
μA
Output Pins
VGATEP(CLP)
IN to GATEP Clamp Voltage
l
5
5.8
7.5
V
RGATEP
GATEP Resistive Pull-Down
VGATEP = 3V
l
0.8
2
3.2
VPWRGD(OL)
PWRGD Output Low Voltage
VIN = 5V, IPWRGD = 3mA
l
0.23
0.4
V
RPWRGD
PWRGD Pull-Up Resistance to OUT
VIN = 6.5V, VPWRGD = 1V
l
250
500
800
Delay
tON
GATE On Delay
VIN High to IGATE = –5μA
l
50
130
200
ms
tOFF
GATE Off Propagation Delay
VIN = Step 5V to 6.5V
VIN – VSENSE = Step 0mV to 100mV
l
l
5
0.25
10
1
20
μs
μs
tPWRGD
PWRGD Delay
VIN = Step 5V to 6.5V
VGATE > VGATE(TH) to PWRGD Low
l
l
25
0.25
65
1
100
μs
ms
tON(OFF)
ON High to GATE Off
VON = Step 0V to 2.5V
l
25
μs
Note 3: An internal clamp limits VGATE to a minimum of 4.5V above VOUT.
Driving this pin to voltages beyond this clamp may damage the device.


Similar Part No. - LTC4361IDC-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
LTC4361 AD-LTC4361 Datasheet
2Mb / 24P
   Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   65V Dual Electronic Circuit Breaker with Current Monitors
LTC4361 AD-LTC4361 Datasheet
1Mb / 32P
   140V High Efficiency Switching Surge Stopper
More results

Similar Description - LTC4361IDC-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
logo
Linear Technology
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com