Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6256HTS8-TRMPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6256HTS8-TRMPBF
Description  6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6256HTS8-TRMPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6256HTS8-TRMPBF Datasheet HTML 4Page - Linear Technology LTC6256HTS8-TRMPBF Datasheet HTML 5Page - Linear Technology LTC6256HTS8-TRMPBF Datasheet HTML 6Page - Linear Technology LTC6256HTS8-TRMPBF Datasheet HTML 7Page - Linear Technology LTC6256HTS8-TRMPBF Datasheet HTML 8Page - Linear Technology LTC6256HTS8-TRMPBF Datasheet HTML 9Page - Linear Technology LTC6256HTS8-TRMPBF Datasheet HTML 10Page - Linear Technology LTC6256HTS8-TRMPBF Datasheet HTML 11Page - Linear Technology LTC6256HTS8-TRMPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC6255/LTC6256/LTC6257

625567f
typicAl perForMAnce chArActeristics
SupplyCurrentvsTemperature
OutputSaturationVoltagevs
LoadCurrent(OutputHigh)
OutputSaturationVoltagevs
LoadCurrent(OutputLow)
OutputShort-CircuitCurrentvs
SupplyVoltage(Sourcing)
OutputShort-CircuitCurrentvs
SupplyVoltage(Sinking)
0.1Hzto10HzOutput
VoltageNoise
InputBiasCurrentvs
SupplyVoltage
InputBiasCurrentvsTemperature
SUPPLY VOLTAGE (V)
1.8
625567 G10
2.8
3.8
4.8
VCM = 0.4V
25
–5
20
10
0
–15
15
5
–20
–10
–25
+IN
–IN
TEMPERATURE (°C)
–40
625567 G11
10
60
110
VS = ±2.5V
VCM = –2V
VCM = 2V
50
–10
40
20
0
–30
30
10
–40
–20
–50
TEMPERATURE (°C)
–40
100
40
20
80
60
0
625567 G13
–15
10
35
60
85
110
VCM = 0.4V
VS = 5V, 0V
VS = 1.8V, 0V
LOAD CURRENT (mA)
0
0
–0.15
–0.10
–0.05
–0.25
–0.20
–0.30
–0.35
3
625567 G14
5
4
2
1
125°C, VS = 5V
85°C, VS = 5V
25°C, VS = 5V
–40°C, VS = 5V
125°C, VS = 1.8V
85°C, VS = 1.8V
25°C, VS = 1.8V
–40°C, VS = 1.8V
LOAD CURRENT (mA)
0
0.5
0.4
0.2
0.3
0.1
0
3
625567 G15
5
4
2
1
125°C, VS = 1.8V
125°C, VS = 5V
85°C, VS = 1.8V
85°C, VS = 5V
25°C, VS = 1.8V
25°C, VS = 5V
–40°C, VS = 1.8V
–40°C, VS = 5V
SUPPLY VOLTAGE (V)
1.8
100
40
20
80
60
0
50
30
90
70
10
625567 G16
2.3
2.8
3.3
3.8
4.3
4.8
VCM = 0.4V
25°C
–40°C
125°C
SUPPLY VOLTAGE (V)
1.8
100
40
20
80
60
0
50
30
90
70
10
625567 G17
2.3
2.8
3.3
3.8
4.3
4.8
VCM = 0.4V
25°C
–40°C
125°C
TIME (s)
0
625567 G18
2
4
6
8
10
5
–1
4
2
0
–3
3
1
–4
–2
–5
VS = ±2.5V
VCM = 0V
AV = 1
SupplyCurrentvsSupplyVoltage
perChannel,–40°C,25°C,125°C
SUPPLY VOLTAGE (V)
0
100
40
20
80
60
0
625567 G32
1
2
3
4
5
25°C
–40°C
125°C
VCM = 0.4V


Similar Part No. - LTC6256HTS8-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256 Datasheet
437Kb / 20P
   Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
LTC6256 LINER-LTC6256 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC6256 LINER-LTC6256 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6256HTS8-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com