Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4361CDC-1-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4361CDC-1-TRPBF
Description  Overvoltage/Overcurrent Protection Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4361CDC-1-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4361CDC-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC4361CDC-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC4361CDC-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC4361CDC-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC4361CDC-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC4361CDC-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC4361CDC-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC4361CDC-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC4361CDC-1-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4361-1/LTC4361-2
8
436112f
The typical LTC4361 application protects 2.5V to 5.5V
systems in portable devices from power supply overvolt-
age. The basic application circuit is shown in Figure 1.
Device operation and external component selection is
discussed in detail in the following sections.
APPLICATIONS INFORMATION
Figure 1. Protection from Input Overvoltage and Overcurrent
GATE
M1
Si1470DH
RSENSE
0.025Ω
SENSE
IN
436112 F01
VOUT
5V
1.5A
VIN
5V
LTC4361
OUT
PWRGD
ON
GND
COUT
10μF
The GATE ramp rate is limited to 3V/ms. VOUT follows at
a similar rate which results in an inrush current into the
load capacitor COUT of:
IINRUSH = COUT
dVGATE
dt
= COUT •3 mA/µF
[]
The servo loop is compensated by the parasitic capaci-
tance of the external MOSFET. No further compensation
components are normally required. In the case where
the parasitic capacitance is less than 100pF, a 100pF
compensation capacitor between GATE and ground may
be required.
An even slower GATE ramp and lower inrush current
can be achieved by connecting an external capacitor, CG,
from GATE to ground. The voltage at GATE then ramps
up with a slope equal to 10μA/CG [V/s]. Choose CG using
the formula:
CG =
10µA
IINRUSH
•COUT
Overvoltage
When power is first applied, VIN must remain below 5.7V
(VIN(OV) – ΔVOV) for more than 130ms before GATE is
ramped up to turn on the MOSFET. If VIN then rises above
5.8V (VIN(OV)), the overvoltage comparator activates the
30mA fast pull-down on GATE within 1μs. After an over-
voltage condition, the MOSFET is held off until VIN once
again remains below 5.7V for 130ms.
Overcurrent
The overcurrent comparator protects the MOSFET from
excessive current. It trips when the SENSE pin falls more
than 50mV below IN for more than 10μs. When the overcur-
rent comparator trips, GATE is pulled low quickly and the
PWRGDpull-downreleases.TheLTC4361-2automatically
tries to apply power again after a 130ms start-up delay.
Start-Up
When VIN is less than the undervoltage lockout level of
2.1V, the GATE driver is held low and the PWRGD pull-down
is high impedance. When VIN rises above 2.1V and ON is
held low, a 130ms delay cycle starts. Any undervoltage or
overvoltage event at IN (VIN < 2.1V or VIN > 5.7V) restarts
the delay cycle. This delay allows the N-channel MOSFET
to isolate the output from any input transients that occur
at start-up. When the delay cycle completes, GATE starts
its slow ramp-up.
GATE Control
An internal charge pump enhances the external N-channel
MOSFET with 6V from GATE to OUT. This allows the use
of logic-level N-channel MOSFETs. An internal 6V clamp
between GATE and OUT protects the MOSFET gate.


Similar Part No. - LTC4361CDC-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
LTC4361 AD-LTC4361 Datasheet
2Mb / 24P
   Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   65V Dual Electronic Circuit Breaker with Current Monitors
LTC4361 AD-LTC4361 Datasheet
1Mb / 32P
   140V High Efficiency Switching Surge Stopper
More results

Similar Description - LTC4361CDC-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
logo
Linear Technology
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com