Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HWD075DGE Datasheet(PDF) 1 Page - Power-One

Part No. HWD075DGE
Description  HWD Series . 75 Watt, Half-Brick DC/DC Converter Wide Input Range Dual Output
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

HWD075DGE Datasheet(HTML) 1 Page - Power-One

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Datasheet
HWD Series – 75 Watt, Half-Brick DC/DC Converter
Wide Input Range
Dual Output
REV. 9/01
Page 1 of 15
www.power-one.com
Applications
Distributed power architectures
Telecommunications equipment
LAN/WAN applications
Data processing applications
Features
75 Watts total output power
Wide input range 18V – 60V
Independent dual outputs
Flexible load sharing
Open-frame design with IMS board
Low profile – 12.7mm height
Start-up into high capacitive load
Output overcurrent protection (self re-start)
Output overvoltage protection (self re-start)
Overtemperature protection (self re-start)
Setpoint accuracy
± 2.0%
Output voltage trim adjust, independent for
each output
Input/output isolation: 1500V
UL 1950 Recognition, CSA 22.2 No. 950-95
certification
Description
The HWD series provides onboard conversion of standard telecom and datacom input voltages into two isolated
low-voltage outputs. These products offer a unique combination of wide input range, low profile, and high current
capability. High efficiency and advanced thermal management enable these half-brick products to deliver full
rated power at 55°C ambient temperature, with 200 LFM airflow, without the addition of heatsinks.
Selection Chart
Model
Input
voltage
range, VDC
Input
current,
max, ADC
Output
voltage,
VDC
Output rated
current,
ADC
Output Ripple
and Noise,
mV p-p
Efficiency %
HWD075DGE-A
18-60
5.5
5.0/3.3
15/15
100
81% @ 24Vin
79% @ 48Vin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn