Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HWD075DGE Datasheet(PDF) 5 Page - Power-One

Part No. HWD075DGE
Description  HWD Series . 75 Watt, Half-Brick DC/DC Converter Wide Input Range Dual Output
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

HWD075DGE Datasheet(HTML) 5 Page - Power-One

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Datasheet
HWD Series – 75 Watt, Half-Brick DC/DC Converter
Wide Input Range
Dual Output
REV. 9/01
Page 5 of 15
www.power-one.com
Mechanical Diagram
Pin
Function
1
-Vin
2
Case
3
On/Off
4
+Vin
5
+Vo2
6
+Vo2 Rtn
7
Trim 2
8
+Vo1
9
+Vo1 Rtn
10
Trim 1
Ordering Information
Options
Suffixes to add to part number
Positive- Standard, no suffix required
Remote On/Off
Negative- Add “N” suffix
Negative- Standard, no suffix required
Trim
0.18”- Standard, no suffix required
0.11”- Add “8” suffix
Pin Length
0.15”- Add “9” suffix
Notes
1.
Consult factory for the complete list of available options.
2.
Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous
environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
3.
Specifications are subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn