Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HWD075DGE Datasheet(PDF) 3 Page - Power-One

Part No. HWD075DGE
Description  HWD Series . 75 Watt, Half-Brick DC/DC Converter Wide Input Range Dual Output
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

HWD075DGE Datasheet(HTML) 3 Page - Power-One

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Datasheet
HWD Series – 75 Watt, Half-Brick DC/DC Converter
Wide Input Range
Dual Output
REV. 9/01
Page 3 of 15
www.power-one.com
Output Temperature Regulation:
(Tbase =-40
°C to +100°C)
All Outputs
-
0.02
0.05
%/
°C
Output Current
(Maximum output power limited to
75W)
Io1
Io2
0.5
0.5
7.5
7.5
15
15
A
A
Output Ripple (See Figure 2)
(DC to 20MHz)
(Io1,Io2 = 7.5A)
Vo1
Vo2
-
-
75
75
100
100
mVp-p
mVp-p
Output Current Limit inception
(Other outputs at no load)
Io1
Io2
-
-
17
21
19
23
A
A
Transient Response
(50% to 100% Load Step,
Io/t=0.1A/uSec)
Peak Deviation
Settling Time (Vo, 1% of Vo1)
Vo1
Vo2
-
-
-
100
200
150
200
300
250
mV
mV
µsec
Overvoltage Limit
Vo1,clamp
Vo2,clamp
5.9
3.6
-
-
6.5
4.7
Vdc
Vdc
Table 4. Feature Specifications
Parameter
Symbol
Min
Typ
Max
Units
Remote On/Off, Primary side
Vlow
Vhigh
Sink Current-Logic Low
-
-
-
-
-
-
1
7
2
V
V
mA
Turn-on time (Within 1% Vonom)
-
3.5
5
msec
Switching Frequency
-
350
-
kHz
Output Voltage Adjust
Adjust Up
Adjust Down
Vo1
Vo2
Vo1
Vo2
5.39
3.55
4.41
2.91
5.5
3.63
4.5
2.97
5.61
3.71
4.59
3.03
Vdc
Vdc
Vdc
Vdc
Thermal Shutdown
+105
+115
°C
Undervoltage Lockout
Turn-on
Turn-off
-
16.5
19.2
16.8
19.5
-
V
V
Table 5. Environmental
Parameter
Min
Typ
Max
Units
Operating Baseplate Temperature
-40
-
+100
°C
Operating Humidity (non-condensing)
-
-
95
%
Storage Humidity (non-condensing)
-
-
95
%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn