Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4361CTS8-2-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4361CTS8-2-TRPBF
Description  Overvoltage/Overcurrent Protection Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4361CTS8-2-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4361CTS8-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC4361CTS8-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC4361CTS8-2-TRPBF Datasheet HTML 9Page - Linear Technology LTC4361CTS8-2-TRPBF Datasheet HTML 10Page - Linear Technology LTC4361CTS8-2-TRPBF Datasheet HTML 11Page - Linear Technology LTC4361CTS8-2-TRPBF Datasheet HTML 12Page - Linear Technology LTC4361CTS8-2-TRPBF Datasheet HTML 13Page - Linear Technology LTC4361CTS8-2-TRPBF Datasheet HTML 14Page - Linear Technology LTC4361CTS8-2-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4361-1/LTC4361-2
11
436112f
APPLICATIONS INFORMATION
Figure 4. 20V Hot-Plug into a 10μF Capacitor
Figure 5. 20V Hot-Plug into the LTC4361
+
LOAD
436112 F04a
MOBILE
DEVICE
WALL ADAPTOR
AC/DC
COUT
IN
LIN
RIN
CABLE
ICABLE
VIN
10V/DIV
ICABLE
20A/DIV
5μs/DIV
436112 F04b
RIN = 150mΩ,
LIN = 0.7μH
LOAD = 10Ω, COUT = 10μF
+
LOAD
LTC4361
M1
Si1470DH
GATE
GND
436112 F05a
MOBILE
DEVICE
WALL ADAPTOR
AC/DC
COUT
SENSE OUT
IN
IN
OUT
LIN
RIN
RSENSE
CABLE
ICABLE
VIN
10V/DIV
VOUT
1V/DIV
ICABLE
20A/DIV
5μs/DIV
436112 F05b
RIN = 150mΩ,
LIN = 0.7μH, RSENSE = 25mΩ
LOAD = 10Ω, COUT = 10μF
Input Transients
Figure 4 shows a typical setup when an AC wall adaptor
charges a mobile device. The inductor LIN represents the
lumped equivalent inductance of the cable and the EMI filter
found in some wall adaptors. RIN is the lumped equivalent
resistance of the cable, adaptor output capacitor ESR and
the connector contact resistance.
LIN and RIN form an LC tank circuit with any capacitance
at IN. If the wall adaptor is powered up first, plugging the
wall adaptor output to IN does the equivalent of applying
a voltage step to this LC circuit. The resultant voltage
overshoot at IN can rise to twice the DC output voltage
of the wall adaptor as shown in Figure 4. Figure 5 shows
the 20V adaptor output applied to the LTC4361. Due to
the low capacitance at the IN pin, the plug-in transient has
been brought down to a manageable level.


Similar Part No. - LTC4361CTS8-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
LTC4361 AD-LTC4361 Datasheet
2Mb / 24P
   Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   65V Dual Electronic Circuit Breaker with Current Monitors
LTC4361 AD-LTC4361 Datasheet
1Mb / 32P
   140V High Efficiency Switching Surge Stopper
More results

Similar Description - LTC4361CTS8-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
logo
Linear Technology
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com