Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4361IDC-2-TRMPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4361IDC-2-TRMPBF
Description  Overvoltage/Overcurrent Protection Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4361IDC-2-TRMPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4361IDC-2-TRMPBF Datasheet HTML 1Page - Linear Technology LTC4361IDC-2-TRMPBF Datasheet HTML 2Page - Linear Technology LTC4361IDC-2-TRMPBF Datasheet HTML 3Page - Linear Technology LTC4361IDC-2-TRMPBF Datasheet HTML 4Page - Linear Technology LTC4361IDC-2-TRMPBF Datasheet HTML 5Page - Linear Technology LTC4361IDC-2-TRMPBF Datasheet HTML 6Page - Linear Technology LTC4361IDC-2-TRMPBF Datasheet HTML 7Page - Linear Technology LTC4361IDC-2-TRMPBF Datasheet HTML 8Page - Linear Technology LTC4361IDC-2-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4361-1/LTC4361-2
4
436112f
TYPICAL PERFORMANCE CHARACTERISTICS
PWRGD Voltage
vs PWRGD Current
GATE Off Propagation Delay
vs Overdrive
Normal Start-Up Sequence
GATE Slow Ramp-Up
Entering Sleep Mode
Input Supply Current
vs Input Voltage
GATE Drive vs GATE Current
GATE Fast Pull-Down Current
vs Temperature
VIN (V)
1
0.1
1
100
1000
10000
100
436112 G01
10
10
VON = 0V
VON = 2.5V
IGATE (μA)
0
0
4
3
2
1
6
7
8
4
8
10
12
436112 G02
5
26
VIN = 5V
VIN = 3V
VIN = 2.5V
TEMPERATURE (°C)
–50
20
25
30
35
40
–25
0
25
VIN = 6V
VGATE = 9V
50
436112 G03
75
100
IPWRGD (mA)
0
0
200
100
300
400
500
1234
436112 G04
5
VOVDRV (V)
0
0
1
6
5
4
3
2
7
8
0.5
1
1.5
2
436012 G05
2.5
VIN = STEP 5V TO (VIN(OV) + VOVDRV)
VIN
5V/DIV
VGATE
10V/DIV
VOUT
5V/DIV
ICABLE
0.5A/DIV
20ms/DIV
436112 G07
FIGURE 5 CIRCUIT
RIN = 150mΩ, LIN = 0.7μH
RSENSE = 25mΩ
LOAD = 10Ω, COUT = 10μF
VIN
5V/DIV
VGATE
10V/DIV
VOUT
5V/DIV
ICABLE
0.5A/DIV
1ms/DIV
436112 G08
FIGURE 5 CIRCUIT
RIN = 150mΩ, LIN = 0.7μH
RSENSE = 25mΩ
LOAD = 10Ω, COUT = 10μF
VON
5V/DIV
VGATE
10V/DIV
VOUT
5V/DIV
ICABLE
0.5A/DIV
50μs/DIV
436112 G09
FIGURE 5 CIRCUIT
RIN = 150mΩ, LIN = 0.7μH
RSENSE = 25mΩ
LOAD = 10Ω, COUT = 10μF
TA = 25°C, VIN = 5V, VON = 0V, unless otherwise noted.
VIN (V)
2.5
4
6
5
8
3.5
4
3
5
4.5
436112 G06
5.5
10
12
7
9
11
6
VGATE
VGATE(TH)
VIN = VOUT
GATE Voltage and GATE High
Threshold (for PWRGD Status)
vs Input Voltage


Similar Part No. - LTC4361IDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
LTC4361 AD-LTC4361 Datasheet
2Mb / 24P
   Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   65V Dual Electronic Circuit Breaker with Current Monitors
LTC4361 AD-LTC4361 Datasheet
1Mb / 32P
   140V High Efficiency Switching Surge Stopper
More results

Similar Description - LTC4361IDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
logo
Linear Technology
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com