Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4310CDD-1-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4310CDD-1-PBF
Description  Hot-Swappable I2C Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4310CDD-1-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4310CDD-1-PBF Datasheet HTML 4Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 5Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 6Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 7Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 8Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 9Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 10Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 11Page - Linear Technology LTC4310CDD-1-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4310-1/LTC4310-2

431012f
operaTion
The LTC4310 provides fully bidirectional communications
between two I2C or SMBus buses whose grounds are
isolated from one another. Clock stretching, clock syn-
chronization, arbitration and data acknowledging all work
seamlessly across the barrier, regardless of the locations
of the master(s) and slave(s).
Referring to the application circuit shown in Figure 1, an
LTC4310 is located on each side of the isolation barrier.
Each LTC4310 contains logic detection circuitry that can
differentiate externally driven SDA and SCL logic signals
from its own output signals. Each LTC4310 converts the
logic state of the externally driven signals into a sequence
ofpulsesthatarethentransmittedacrosstheisolationbar-
rier via an Ethernet transformer (or coupling capacitors for
low isolation voltage applications) to the other LTC4310.
Each LTC4310 also receives and decodes corresponding
pulses from the other LTC4310 and drives its SDA and
SCL pins accordingly.
TransmissionsoccurontheTXPandTXNpinsinasequence
of 1.25V pulses. The LTC4310 receives messages on its
RXP and RXN pins. Signals having less than 500mV dif-
ferential voltages are rejected to provide noise immunity
against common-mode transients.
When the LTC4310 receives a message to drive SDA low,
it regulates SDA to 0.35V. If an external device pulls SDA
below 0.35V during this time, the LTC4310 detects this
condition and immediately transmits a LOW to the other
LTC4310.
When an external pull-down device drives SDA below
0.45 • VCC from a logic high, TXP and TXN transmit a
message across the isolation barrier instructing the other
LTC4310 to drive its SDA line low.
When the external pull-down device turns off and SDA is
rising between 0V and 0.35 • VCC, the LTC4310 limits the
bus rise rate to dV/dtRISE via the rise rate limiter circuitry.
It also transmits a high to the other LTC4310. If the SDA
rise rate falls below the threshold, it is assumed that an-
other pull-down on the bus has turned on and is pulling
SDA low, and a command to pull the far side low is sent
across the isolation barrier.
When SDA rises above 0.35 • VCC, the rise rate limiter
circuitry is deactivated. When SDA rises above 0.45 • VCC,
the rise time accelerator current IBOOST is activated, which
provides a strong, slew-limited pull-up current to reduce
system rise time.
The LTC4310 contains power-on reset (POR) circuitry that
sets the data and clock pins in a high impedance state and
deactivates the transmit and receive circuitry until the EN
voltage is high, the device is not in thermal shutdown
and the VCC voltage is above the 2.4V UVLO threshold
voltage. The LTC4310 enters thermal shutdown when the
die temperature exceeds 150°C. Grounding EN sets the
LTC4310 in a near-zero current mode.
AftertheLTC4310exitsPOR,STOPbitandbusidledetector
circuitry monitors the logic state of its own SDA and SCL
bus and of the other I2C bus in the system via RXP and
RXN. When a STOP bit or bus idle occurs simultaneously
on both I2C buses, the LTC4310 activates its SDA and SCL
drivers, logic detection circuitry and rise time accelerators
and drives READY low.
The stuck bus timer and recovery circuitry disable the
SDA and SCL driver, logic detection circuitry and rise
time accelerators if the bus is low for 37ms. A stuck bus
also causes READY to be released high. If the stuck bus
releases high, the I2C driver and accelerator circuitry are
reactivated when a STOP bit or bus idle occurs simultane-
ously on both I2C buses, as previously described.
(LTC4310 refers to both LTC4310-1 and LTC4310-2)


Similar Part No. - LTC4310CDD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310 LINER-LTC4310 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4310 LINER-LTC4310 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTC4310 AD-LTC4310 Datasheet
242Kb / 26P
   I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4310-1 LINER-LTC4310-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
More results

Similar Description - LTC4310CDD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com