Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX810IRHHT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TX810IRHHT
Description  8-Channel, Programmable T/R Switch for Ultrasound
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TX810IRHHT Datasheet(HTML) 3 Page - Texas Instruments

  TX810IRHHT Datasheet HTML 1Page - Texas Instruments TX810IRHHT Datasheet HTML 2Page - Texas Instruments TX810IRHHT Datasheet HTML 3Page - Texas Instruments TX810IRHHT Datasheet HTML 4Page - Texas Instruments TX810IRHHT Datasheet HTML 5Page - Texas Instruments TX810IRHHT Datasheet HTML 6Page - Texas Instruments TX810IRHHT Datasheet HTML 7Page - Texas Instruments TX810IRHHT Datasheet HTML 8Page - Texas Instruments TX810IRHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
B3
B1
7
6
5
4
3
2
1
14
13
11
10
12
OUT4
OUT3
OUT5
36
34
22
24
25
30
31
32
33
35
15
16
19
20
21
23
B2
NC
NC
8
9
17
18
26
27
29
28
GND
OUT6
GND
IN3
IN4
IN6
IN5
GND
NC
GND
TX810
PowerPAD™
TX810
www.ti.com
SLLS996A – SEPTEMBER 2009 – REVISED APRIL 2010
DEVICE INFORMATION
PIN FUNCTIONS
PIN
DESCRIPTION
NUMBER
NAME
1, 3, 7, 9, 10, 12, 34,
INn
Inputs for Channel n
36
16, 18, 19, 21, 25, 27,
OUTn
Outputs for Channel n
28, 30
33
VD
Logic Supply Voltage; +2.5 V to +5 V; bypass to ground with 0.1 µF and 10 µF capacitors
31
VP
Positive Supply Voltage; +5 V; bypass to ground with 0.1 µF and 10 µF capacitors
15
VN
Negative Supply Voltage; –5 V; bypass to ground with 0.1 µF and 10 µF capacitors
13
VB
Bias voltage; connect to 0 V (GND) for ±5 V operation
2, 8, 11, 14, 17, 20, 26,
GND
Ground
29, 32, 35
24
B1
Bit 1; Current program bit
23
B2
Bit 2; Current program bit
22
B3
Bit 3; Current program bit
4, 5, 6
NC
No internal connection.
PowerPAD™ of the package. –5 V to 0 V for ±5 V operation. The thermal pad is needed for thermal
0
Vsub
dissipation.
PQFN (RHH) Package
6 × 6mm, 0.5mm Pitch
(Top View)
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TX810


Similar Part No. - TX810IRHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX810IRHHT TI-TX810IRHHT Datasheet
2Mb / 19P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
TX810IRHHT TI1-TX810IRHHT Datasheet
3Mb / 20P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
More results

Similar Description - TX810IRHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX810 TI-TX810_1 Datasheet
2Mb / 19P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI1-TX810_14 Datasheet
3Mb / 20P
[Old version datasheet]   8-Channel, Programmable T/R Switch for Ultrasound
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
logo
Supertex, Inc
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
   Four-Channel High Voltage Protection T/R Switch
MD0105 SUTEX-MD0105 Datasheet
674Kb / 5P
   Four-Channel High Voltage Protection T/R Switch
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
   T/R - Switch / LNA Assembly
logo
Supertex, Inc
HV7351K6-G SUTEX-HV7351K6-G Datasheet
924Kb / 15P
   Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
logo
DAICO Industries, Inc.
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
   Combination T/R - Switch / LNA
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
   Combination T/R - Switch / LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com