Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4361CTS8-2-TRMPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4361CTS8-2-TRMPBF
Description  Overvoltage/Overcurrent Protection Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4361CTS8-2-TRMPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4361CTS8-2-TRMPBF Datasheet HTML 2Page - Linear Technology LTC4361CTS8-2-TRMPBF Datasheet HTML 3Page - Linear Technology LTC4361CTS8-2-TRMPBF Datasheet HTML 4Page - Linear Technology LTC4361CTS8-2-TRMPBF Datasheet HTML 5Page - Linear Technology LTC4361CTS8-2-TRMPBF Datasheet HTML 6Page - Linear Technology LTC4361CTS8-2-TRMPBF Datasheet HTML 7Page - Linear Technology LTC4361CTS8-2-TRMPBF Datasheet HTML 8Page - Linear Technology LTC4361CTS8-2-TRMPBF Datasheet HTML 9Page - Linear Technology LTC4361CTS8-2-TRMPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4361-1/LTC4361-2
6
436112f
BLOCK DIAGRAM
+
GND
436112 BD
10μA
ON
OUT
PWRGD
5.8V
500k
GATE
CONTROL
CHARGE
PUMP
OVERCURRENT
COMPARATOR
50mV
+
5.8V
5.7V
OVERVOLTAGE
COMPARATOR
IN
SENSE
1.8M
200k
5.8V
GATEP
5μA
1V
+
VGATE(TH)
GATE HIGH
COMPARATOR
+


Similar Part No. - LTC4361CTS8-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
LTC4361 AD-LTC4361 Datasheet
2Mb / 24P
   Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4361 AD-LTC4361 Datasheet
1Mb / 22P
   65V Dual Electronic Circuit Breaker with Current Monitors
LTC4361 AD-LTC4361 Datasheet
1Mb / 32P
   140V High Efficiency Switching Surge Stopper
More results

Similar Description - LTC4361CTS8-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
logo
Linear Technology
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com