Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4310IMS-1-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4310IMS-1-TRPBF
Description  Hot-Swappable I2C Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4310IMS-1-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4310IMS-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC4310IMS-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC4310IMS-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC4310IMS-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC4310IMS-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC4310IMS-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC4310IMS-1-TRPBF Datasheet HTML 13Page - Linear Technology LTC4310IMS-1-TRPBF Datasheet HTML 14Page - Linear Technology LTC4310IMS-1-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC4310-1/LTC4310-2

431012f
applicaTions inForMaTion
Figure 4. SCL1 Rising Waveform of SCL1
for Application Circuit Shown in Figure 1
Figure 5. 100kHz SCL Waveforms for
Application Circuit Shown in Figure 1
Bus Rising Edge Waveform
When all external pull-downs on SCL1 (Figure 1) turn off,
the SCL1 rising waveform will resemble that shown in
Figure 4. The LTC4310-1 senses that SCL1 is rising and
transmits a message to the other LTC4310-1 to release
SCL2 high. During the transmission, the first LTC4310-1
also drives SCL1 to 0.35V, so that when the transmission
is complete, both buses will rise simultaneously from
0.35V at a rate of (0.35 • VCC)/900ns. This functionality
minimizestheeffectiveskewbetweenthetwobuses.When
SCL1 reaches 0.35 • VCC, the LTC4310-1 deactivates its
rise rate regulation circuitry. The bus then rises with a
time constant of (RBUS • CBUS) until it reaches 0.45 • VCC,
at which point the IBOOST rise time accelerator pull-up
current is activated.
Figure 5 shows SCL1 and SCL2 for an entire 100kHz
switching cycle. Because the LTC4310-1 regulates the bus
rise rate to (0.35 • VCC)/900ns, the 5V bus signal rises
more quickly than the 3.3V bus signal. Both buses reach
(0.35 • VCC) in approximately 900ns, so the effective skew
betweenthebusesisnearlyzero.TheLTC4310-2functions
the same as the LTC4310-1, except the controlled rise rate
is limited to (0.35 • VCC)/300ns.
1V/DIV
200ns/DIV
BUS RC
431012 F04
SCL1 SET TO 0.35V
DURING TX
RISE TIME
ACCELERATOR
ACTIVE
0.35 • VCC
900 ns
dV/dt =
1V/DIV
2µs/DIV
SCL1
SCL2
431012 F05
Start-Up, Data and Clock Hot Swap Circuitry
The LTC4310 contains power-on reset (POR) circuitry that
sets the data and clock pins in a high impedance state and
deactivates the transmit circuitry until the EN voltage is
high, the device is not in thermal shutdown and the VCC
voltage is above 2.4V. After the LTC4310 exits the POR
state, it activates its transmit circuitry and communicates
its SDA, SCL logic states across the barrier to the other
LTC4310 via its TXP and TXN pins.
The receive circuitry remains deactivated for an additional
900µs after the LTC4310 exits POR. The 900µs filter time is
required for the LTC4310 to charge its RXP and RXN pins
totheirDCbiasvoltage,assuminga0.01µFcommon-mode
noise filtering capacitor at the center-tap of the secondary
side of the external transformer. When the filter time has
elapsed, the LTC4310 activates its receive circuitry and
decodes the messages it receives on its RXP and RXN
pins, registering the logic state of the remote I2C bus.
Whenboththelocalandremotetwo-wirebusesare“quiet”
(i.e., no data transactions are occurring on either bus), the
LTC4310 then drives its READY pin low to indicate that it
has linked the logic state of the local I2C bus with the logic
state of the remote I2C bus. This means that the LTC4310
will now drive its SDA and SCL pins to the logic state of the
remote I2C bus, as specified by the messages it receives
on RXP and RXN. The LTC4310 considers a two-wire bus


Similar Part No. - LTC4310IMS-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310 LINER-LTC4310 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4310 LINER-LTC4310 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTC4310 AD-LTC4310 Datasheet
242Kb / 26P
   I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4310-1 LINER-LTC4310-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
More results

Similar Description - LTC4310IMS-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com