Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4361-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4361-1
Description  Overvoltage/Overcurrent Protection Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4361-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4361-1 Datasheet HTML 5Page - Linear Technology LTC4361-1 Datasheet HTML 6Page - Linear Technology LTC4361-1 Datasheet HTML 7Page - Linear Technology LTC4361-1 Datasheet HTML 8Page - Linear Technology LTC4361-1 Datasheet HTML 9Page - Linear Technology LTC4361-1 Datasheet HTML 10Page - Linear Technology LTC4361-1 Datasheet HTML 11Page - Linear Technology LTC4361-1 Datasheet HTML 12Page - Linear Technology LTC4361-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4361-1/LTC4361-2
9
436112f
APPLICATIONS INFORMATION
The LTC4361-1 has an internal latch that maintains this
off state until it is reset. To reset this latch, cycle IN be-
low 2.1V (VIN(UVL)) or ON above 1.5V (VON(TH)) for more
than 500μs. After reset, the LTC4361-1 goes through the
start-up cycle.
In applications not requiring the overcurrent protection, tie
the SENSE pin to the IN pin. To implement an overcurrent
threshold ITRIP, choose RSENSE using the formula:
RSENSE =
ΔVOC
ITRIP
After choosing the RSENSE, keep in mind that:
ITRIP(MAX) =
ΔVOC(MAX)
RSENSE(MIN)
ITRIP(MIN) =
ΔVOC(MIN)
RSENSE(MAX)
PWRGD Output
PWRGD is an active low output with a MOSFET pull-down
to ground and a 500k resistive pull-up to OUT. The PWRGD
pin pull-down releases during the low current sleep mode
(invoked by ON high), UVLO, overvoltage or overcurrent
and the subsequent 130ms start-up delay. After the start-
up delay, GATE starts its slow ramp-up and control of the
PWRGDpull-downpassesontotheGATEhighcomparator.
VGATE > VGATE(TH) for more than 65ms asserts the PWRGD
pull-down and VGATE < VGATE(TH) releases the pull-down.
The PWRGD pull-down is capable of sinking up to 3mA
of current allowing it to drive an optional LED. To inter-
face PWRGD to another I/O rail, connect a resistor from
PWRGD to the I/O rail with a resistance low enough to
override the internal 500k pull-up to OUT. Figure 2 details
PWRGD behavior for a LTC4361-2 with 1k pull-up to 5V
at PWRGD.
IN
OUT
GATE
ON
PWRGD
VGATE(TH)
VGATE(TH)
VGATE(TH)
VGATE(TH)
VGATE(TH)
VIN(UVL)
ICABLE
OC
THRESHOLD
10μs (NOT TO SCALE)
436112 F02
VIN(OV)– VOV
START-UP
FROM UVLO
RESTART
FROM OV
OV
RESTART
FROM ON
ON
RESTART
FROM OC
OC
VIN(OV)
130ms
65ms
130ms
65ms
130ms
65ms
130ms
65ms
Figure 2. PWRGD Behavior


Similar Part No. - LTC4361-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results

Similar Description - LTC4361-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
logo
Linear Technology
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com