Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4269IDKD-2-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4269IDKD-2-PBF
Description  IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4269IDKD-2-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4269IDKD-2-PBF Datasheet HTML 4Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 5Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 6Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 7Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 8Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 9Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 10Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 11Page - Linear Technology LTC4269IDKD-2-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTC4269-2

42692fb
Typical perForMance characTerisTics
COMP Sink Current
vs Temperature
(Disabled) COMP Pin Current
vs Temperature
ISENSE Maximum Threshold
vs COMP
ISENSE Maximum Threshold
vs Temperature
ISENSE Pin Current (Out of Pin)
vs Duty Cycle
ISENSE Maximum Threshold
vs Duty Cycle (Programming
Slope Compensation)
OC (Overcurrent) Threshold
vs Temperature
Blank Duration vs Temperature
BLANK Duration vs RBLANK
TEMPERATURE (°C)
–50
5.0
12.5
0
50
75
42692 G19
10.0
7.5
–25
25
100 125
FB = 1.4V
COMP = 1.6V
TEMPERATURE (°C)
–50
0
50
40
30
0
50
75
42692 G20
10
20
–25
25
100 125
FB = VREF
COMP = 1.6V
COMP (V)
0
0
240
160
200
120
1.0
2.0
2.5
42692 G21
40
80
0.5
1.5
3.0
TA = 25°C
RISENSE = 0k
OC THRESHOLD
TEMPERATURE (°C)
–50
200
210
240
0
50
75
42692 G22
230
220
–25
25
100 125
COMP = 2.5V
RISENSE = 0k
DUTY CYCLE (%)
0
0
10
40
20
50 60
42692 G23
30
20
10
30 40
80
70
90 100
TA = 25°C
DUTY CYCLE (%)
0
175
185
195
225
20
50 60
42692 G24
215
205
10
30 40
80
70
90 100
RSLOPE = 1k
RSLOPE = 470
RSLOPE = 0
TA = 25°C
COMP = 2.5V
TEMPERATURE (°C)
–50
80
90
120
0
50
75
42692 G25
110
100
–25
25
100 125
PRECISION OVERCURRENT THRESHOLD
INDEPENDENT OF DUTY CYCLE
TEMPERATURE (°C)
–50
0
200
800
0
50
75
42692 G26
600
400
–25
25
100 125
RBLANK = 40k
RBLANK = 120k
RBLANK (k)
0
0
400
200
1000
40
80 100
42692 G27
800
600
20
60
140
120
160
TA = 25°C


Similar Part No. - LTC4269IDKD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269IDKD-1-PBF LINER-LTC4269IDKD-1-PBF Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269IDKD-1-TRPBF LINER-LTC4269IDKD-1-TRPBF Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4269IDKD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4269-2 LINER-LTC4269-2_15 Datasheet
393Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Linear Technology
LTC4265 LINER-LTC4265 Datasheet
203Kb / 20P
   IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com