Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLS30ZG Datasheet(PDF) 6 Page - Power-One

Part No. HLS30ZG
Description  HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

HLS30ZG Datasheet(HTML) 6 Page - Power-One

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HLS30 Series – 30A Half-Brick DC/DC Converter
48V Input
Data Sheet
5.0V, 3.3V, 2.5V Output
Rev. 10/01
Page 6 of 8
The general equation (1) for changing the output
voltage on the standard trim modules is invariant,
but the constants in the equation change due to
different internal design.
KOhm
(1)
where A and B are constants from the table
below, and ΔV is the absolute value of the desired
change in the output voltage in Volts.
Trim up
Trim down
Model
AB
AB
HLS30ZG
3.77
6.81
11.58
9.88
HLS30ZE
2.07
3.92
3.5
5.61
HLS30ZD
1.27
3.92
1.31
4.95
Optional Positive Trim (suffix –T)
The -T option units trim up with a resistor from the
TRIM pin to the +Sense pin and trim down with a
resistor from the TRIM pin to the –Sense pin as
shown in the Figure 9.
Fig.9 HLS30 series positive trim schematic
The equations below determine the trim resistor
value required to achieve a
ΔV change in the
output voltage.
%
%
2
100
%
225
.
1
%)
100
(
V
V
V
V
Vout
R
UP
×
+
×
+
×
=
,kOhm
2
%
100 −
=
V
R
DOWN
, kOhm
where
ΔV% is the output voltage change
expressed in percents of the nominal output
voltage, Vout.
Notes:
1.
When the output voltage is trimmed up, the
output power from the converter must not
exceed its maximum rating. This is
determined by measuring the output voltage
on the output pins, and multiplying it by the
output current.
2.
In order to avoid creating apparent load
regulation degradation, it is important that the
trim resistors are connected directly to the
remote sense pins, and not to the load or to
traces going to the load.
3.
The HLS30 series converters will trim down
further than the 10% limit. In general, this is
permissible. The user must confirm that the
results are acceptable in his application.
Safety Considerations
The HLS30 series converters feature 1500 Volt
DC isolation from input to output. The input to
output DC resistance is greater than 10MOhm.
These converters are provided with Basic
insulation between input and output circuits
according to all IEC60950 based standards.
Nevertheless, if the system using the converter
needs to receive safety agency approval, certain
rules must be followed in the design of the
system. In particular, all of the creepage and
clearance requirements of the end-use safety
requirements must be observed. These
documents include UL60950, CSA60950-00 and
EN60950, although other additional requirements
may be needed for user’s specific applications.
The HLS30 series converters have no internal
fuse. An external fuse must be provided to
protect the system from catastrophic failure, as
illustrated in Figure 7. The fuse with a rating not
greater than 10A is recommended. The user can
select a lower rating fuse based upon the highest
inrush transient at the maximum input voltage
and the maximum input current of the converter at
the minimum input voltage. Both input traces and
the chassis ground trace (if applicable) must be
capable of conducting a current of 1.5 times the
,
V
V
B
A
R
TRIM
×
=


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn