Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLS30ZG Datasheet(PDF) 3 Page - Power-One

Part No. HLS30ZG
Description  HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

HLS30ZG Datasheet(HTML) 3 Page - Power-One

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HLS30 Series – 30A Half-Brick DC/DC Converter
48V Input
Data Sheet
5.0V, 3.3V, 2.5V Output
Rev. 10/01
Page 3 of 8
Output Specifications
All specifications apply over specified input voltage, output load and temperature range, unless otherwise
noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage Setpoint Accuracy
Vin=Vin.nom, Full Load
-1
1
%Vout
Output Current*
3
30
ADC
Line Regulation
Vin.min to Vin.max, Iout.max
0.2
%Vout
Load Regulation
Vin=Vnom, Iout.min to
Iout.max
0.2
%Vout
Total output voltage regulation
Over all input voltage, load,
and temperature conditions
-2
2
%Vout
Remote Sense Headroom
0.5
VDC
Dynamic Regulation
Peak Deviation
Settling Time
50-75% load step change
to 1% error band
8
150
%Vout
µS
Admissible Load Capacitance
Iout.max, Nom Vin
30,000
µF
Output Current Limit Threshold**
Vout
≤0.97Vout.nom
110
140
%Iout
Switching Frequency
270
kHz
Overvoltage Protection,
Non Latching
Over all input voltage and
load conditions
120
140
%Vout
Trim Range
Iout.max, Vin=Vnom
90
110
%Vout
* At Iout<Iout.min, the output may contain low frequency component that exceeds ripple specifications.
** Overcurrent protection is non-latching with auto recovery.
Feature Specifications
All specifications apply over specified input voltage, output load and temperature range, unless otherwise
noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Shutdown (ON/OFF)
Negative Logic
- Converter ON
- Source Current
- Converter OFF
-Open Circuit Voltage
Positive Logic
- Converter ON
- Open Circuit Voltage
- Converter OFF
- Source Current
On/Off signal is low – converter is ON
ON/OFF pin is connected to -Vin
ON/OFF pin is floating
On/Off signal is low –converter is OFF
ON/OFF pin is floating
ON/OFF pin is connected to -Vin
-1.0
3.5
3.5
-1.0
0.85
2
3
1.8
50
50
1.8
0.46
VDC
mADC
VDC
VDC
VDC
VDC
VDC
mADC
Overtemperature
Protection
Average PCB Temp. – Shut down
- Recover
90
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn