Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012CUF-3-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4012CUF-3-PBF
Description  High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012CUF-3-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC4012CUF-3-PBF Datasheet HTML 1Page - Linear Technology LTC4012CUF-3-PBF Datasheet HTML 2Page - Linear Technology LTC4012CUF-3-PBF Datasheet HTML 3Page - Linear Technology LTC4012CUF-3-PBF Datasheet HTML 4Page - Linear Technology LTC4012CUF-3-PBF Datasheet HTML 5Page - Linear Technology LTC4012CUF-3-PBF Datasheet HTML 6Page - Linear Technology LTC4012CUF-3-PBF Datasheet HTML 7Page - Linear Technology LTC4012CUF-3-PBF Datasheet HTML 8Page - Linear Technology LTC4012CUF-3-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image

40123fb
LTC4012-3
Battery Load Dump
LOAD
STATE
TIME (1ms/DIV)
CLP = 20V
VOUT = 12.3V
4012-3 G06
DISCONNECT
RECONNECT
3A
2A
12.1V
1A
1A
Typical perForMance characTerisTics
Efficiency at DCIN = 20V, BAT = 8V
VFB Line Regulation
CHARGE CURRENT (A)
0
80
85
90
100
100
1000
10000
0.5
1
1.5
2
4012-3 G01
2.5
3
95
POWER LOSS
EFFICIENCY
RSENSE = 33m
RIN = 3.01k
Efficiency at DCIN = 20V, BAT = 12V
CHARGE CURRENT (A)
0
80
85
90
100
100
1000
10000
0.5
1
1.5
2
4012-3 G02
2.5
3
95
EFFICIENCY
POWER LOSS
RSENSE = 33m
RIN = 3.01k
Efficiency at DCIN = 20V, BAT = 16V
CHARGE CURRENT (A)
0
80
85
90
100
100
1000
10000
0.5
1
1.5
2
4012-3 G03
2.5
3
95
EFFICIENCY
POWER LOSS
RSENSE = 33m
RIN = 3.01k
CLP (V)
5
0.02
0.06
0.10
25
4012-3 G04
–0.02
–0.06
0
0.04
0.08
–0.04
–0.08
–0.10
10
15
20
30
LTC4012-3 TEST CIRCUIT
BAT (V)
0
75
100
150
175
200
10
20
25
300
4012-3 G05
125
5
15
225
250
275
CLP = BAT + 3V
(CLP ≥ 6V)
FBDIV Pin RON vs Battery Voltage
(TA = 25°C unless otherwise noted. L = IHLP-2525 6.8µH)


Similar Part No. - LTC4012CUF-3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012CUF-1PBF LINER-LTC4012CUF-1PBF Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012CUF-1TRPBF LINER-LTC4012CUF-1TRPBF Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012CUF-2PBF LINER-LTC4012CUF-2PBF Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012CUF-2TRPBF LINER-LTC4012CUF-2TRPBF Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
More results

Similar Description - LTC4012CUF-3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com