Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012-3 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4012-3
Description  High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4012-3 Datasheet HTML 2Page - Linear Technology LTC4012-3 Datasheet HTML 3Page - Linear Technology LTC4012-3 Datasheet HTML 4Page - Linear Technology LTC4012-3 Datasheet HTML 5Page - Linear Technology LTC4012-3 Datasheet HTML 6Page - Linear Technology LTC4012-3 Datasheet HTML 7Page - Linear Technology LTC4012-3 Datasheet HTML 8Page - Linear Technology LTC4012-3 Datasheet HTML 9Page - Linear Technology LTC4012-3 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image

40123fb
LTC4012-3
Gate Drive Non-Overlap
Charge Current Line Regulation
Input Current Limit
DCIN (V)
5
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
10
15
4012-3 G08
–0.3
0.3
0.4
0.1
20
25
ICHG = 1A
ICHG = 2A
ICHG = 3A
BAT = 6V
RSENSE = 33m
RIN = 3.01k
Charge Current Load Regulation
BAT (V)
11.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
12.6
4012-3 G09
11.4
11.8
12.2
13.0
ICHG = 3A
ICHG = 2A
ICHG = 1A
DCIN = 20V
RSENSE = 33m
RIN = 3.01k
SYSTEM LOAD (A)
0
0.5
1.0
1.5
1.5
2.5
4012-3 G10
0
–0.5
–1.0
0.5
1.0
2.0
2.0
2.5
3.0
IIN
ICHG
ICL STATE
2.5A BULK CHARGE
2.1A INPUT CURRENT LIMIT
PWM Soft-Start
ICHG
2A/DIV
TIME (500µs/DIV)
4012-3 G11
ITH
1V/DIV
PROG
1V/DIV
SHDN
5V/DIV
TIME (80ns/DIV)
4012-3 G12
TGATE
BGATE
Typical perForMance characTerisTics
(TA = 25°C unless otherwise noted. L = IHLP-2525 6.8µH)
Charge Current Accuracy
BAT (V)
0
–6
–4
–3
–2
10
8
20
24
22
2
4012-3 G07
–5
6
4
2
14
12
16 18
–1
0
1
DCIN = 12V
RPROG = 26.7k
DCIN = 24V
RPROG = 35.7k
RSENSE = 33m
RIN = 3.01k


Similar Part No. - LTC4012-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012-3 LINER-LTC4012-3 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4012-3 AD-LTC4012-3 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-3 AD-LTC4012-3 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-3 AD-LTC4012-3 Datasheet
1Mb / 52P
   35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
logo
Linear Technology
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
More results

Similar Description - LTC4012-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com