Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012-3 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4012-3
Description  High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-3 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4012-3 Datasheet HTML 4Page - Linear Technology LTC4012-3 Datasheet HTML 5Page - Linear Technology LTC4012-3 Datasheet HTML 6Page - Linear Technology LTC4012-3 Datasheet HTML 7Page - Linear Technology LTC4012-3 Datasheet HTML 8Page - Linear Technology LTC4012-3 Datasheet HTML 9Page - Linear Technology LTC4012-3 Datasheet HTML 10Page - Linear Technology LTC4012-3 Datasheet HTML 11Page - Linear Technology LTC4012-3 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image

40123fb
LTC4012-3
pin FuncTions
CLN (Pin 1): Adapter Input Current Limit Negative Input.
The LTC4012-3 senses voltage on this pin to determine if
less charge current should be sourced to limit total input
current. The threshold is set 100mV below the CLP pin. An
external filter should be used to remove switching noise.
This input should be tied to CLP if not used. Operating
voltage range is (CLP – 110mV) to CLP.
CLP (Pin 2): Adapter Input Current Limit Positive Input.
The LTC4012-3 also draws power from this pin, including
a small amount for some shutdown functions. Operating
voltage range is GND to 28V.
INFET (Pin 3): PowerPath Control Output. This output
drives the gate of a PMOS pass transistor connected
between the DC input (DCIN) and the raw system supply
rail (CLP) to maintain a forward voltage of 25mV when a
DC input source is present. INFET is internally clamped
about 6V below CLP. Maximum operating voltage is CLP,
which is used to turn off the input PMOS transistor when
the DC input is removed.
DCIN (Pin 4): DC Sense Input. One of two voltage sense
inputs to the internal PowerPath controller (the other input
to the controller is CLP). This input is usually supplied
from an input DC power source. Operating voltage ranges
from GND to 28.2V.
GND (Pin 5): Ground. Internally connected to the Exposed
Pad (package paddle).
SHDN (Pin 6): Active-Low Shutdown Input. Driving SHDN
below300mVunconditionallyforcestheLTC4012-3intothe
shutdown state. This input has a 40kΩ internal pull-down
to GND. Operating voltage range is GND to INTVDD.
CHRG (Pin 7): Active-Low Charge Indicator Output. This
open-drain output provides three levels of information
about charge status using a strong pull-down, 25µA weak
pull-down or high impedance. Refer to the Operation and
Applications Information sections for further details. This
output should be left floating if not used.
ICL (Pin 8): Active-Low Input Current Limit Indicator Out-
put. This open-drain output pulls to GND when the charge
current is reduced because of AC adapter input current
limiting. This output should be left floating if not used.
VFB (Pin 9): Battery Voltage Feedback Input. An external
resistor divider between FBDIV and GND with the center
tapconnectedtoVFBprogramsthechargeroutputvoltage.
In constant voltage mode, this pin is nominally at 1.2085V.
Refer to the Applications Information section for complete
detailsonprogrammingbatteryvoltage.Operatingvoltage
range is GND to 1.25V.
FBDIV(Pin10):BatteryVoltageFeedbackResistorDivider
Source. The LTC4012-3 connects this pin to BAT when
chargingisinprogress.FBDIVisanopen-drainPFEToutput
to BAT with an operating voltage range of GND to BAT.
BAT (Pin 11): Battery Pack Connection. The LTC4012-3
usesthevoltageonthispintocontrolPWMoperationwhen
charging. Operating voltage range is GND to CLN.
ITH (Pin 12): PWM Control Voltage and Compensation
Node. The LTC4012-3 develops a voltage on this pin to
control cycle-by-cycle peak inductor current. An external
R-C network connected to ITH provides PWM loop com-
pensation. Refer to the Applications Information section
for further details on establishing loop stability. Operating
voltage range is GND to INTVDD.
PROG(Pin13):ChargeCurrentProgrammingandMonitor-
ing Pin. An external resistance connected between PROG
and GND, along with the current sense and PWM input
resistors, programs the maximum charge current. The
voltage on this pin can also provide a linearized indicator
of charge current. Refer to the Applications Information
section for complete details on current programming and
monitoring. Operating voltage range is GND to INTVDD.
CSN (Pin 14): Charge Current Sense Negative Input.
Place an external input resistor (RIN, Figure 1) between
this pin and the negative side of the charge current sense
resistor. Operating voltage ranges from (BAT – 50mV) to
(BAT + 200mV).
CSP (Pin 15): Charge Current Sense Positive Input.
Place an external input resistor (RIN, Figure 1) between
this pin and the positive side of the charge current sense
resistor. Operating voltage ranges from (BAT – 50mV)
to (BAT + 200mV).


Similar Part No. - LTC4012-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012-3 LINER-LTC4012-3 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4012-3 AD-LTC4012-3 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-3 AD-LTC4012-3 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-3 AD-LTC4012-3 Datasheet
1Mb / 52P
   35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
logo
Linear Technology
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
More results

Similar Description - LTC4012-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com