Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3859IUHF-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3859IUHF-PBF
Description  Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859IUHF-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3859IUHF-PBF Datasheet HTML 3Page - Linear Technology LTC3859IUHF-PBF Datasheet HTML 4Page - Linear Technology LTC3859IUHF-PBF Datasheet HTML 5Page - Linear Technology LTC3859IUHF-PBF Datasheet HTML 6Page - Linear Technology LTC3859IUHF-PBF Datasheet HTML 7Page - Linear Technology LTC3859IUHF-PBF Datasheet HTML 8Page - Linear Technology LTC3859IUHF-PBF Datasheet HTML 9Page - Linear Technology LTC3859IUHF-PBF Datasheet HTML 10Page - Linear Technology LTC3859IUHF-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC3859
7
3859f
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step (Boost)
Burst Mode Operation
Load Step (Boost)
Pulse-Skipping Mode
Load Step (Boost)
Forced Continuous Mode
Inductor Current at Light Load
(Boost)
Soft Start-Up (Boost)
Boost Regulated Feedback
Voltage vs Temperature
Efficiency and Power Loss
vs Output Current (Boost)
Efficiency
vs Output Current (Boost)
Efficiency vs Input Voltage (Boost)
OUTPUT CURRENT (A)
0.0001
100
90
70
50
30
10
80
60
40
20
0
10000
100
1
1000
10
0.1
110
0.01
3859 G10
0.1
0.001
FIGURE 12 CIRCUIT
VIN = 5V, VOUT = 10V, VBIAS = VIN
CCM EFFICIENCY
PULSE-SKIPPING
EFFICIENCY
BURST LOSS
BURST
EFFICIENCY
CCM LOSS
PULSE-SKIPPING
LOSS
OUTPUT CURRENT (A)
0.0001
100
90
70
50
30
10
80
60
40
20
0
110
0.01
3859 G11
0.1
0.001
VIN = 5V
FIGURE 12 CIRCUIT
VBIAS = VIN
VOUT = 10V
VIN = 8V
INPUT VOLTAGE (V)
2
100
99
97
95
91
92
93
98
96
94
90
6789
10
4
3
3859 G12
5
FIGURE 12 CIRCUIT
VBIAS = VIN
VOUT = 10V
ILOAD = 2A
200μs/DIV
VOUT
100mV/
DIV
AC-
COUPLED
IL
5A/DIV
3859 G13
VOUT = 10V
VIN = 5V
FIGURE 12 CIRCUIT
200μs/DIV
VOUT
100mV/DIV
AC-COUPLED
IL
5A/DIV
3859 G14
VOUT = 10V
VIN = 5V
FIGURE 12 CIRCUIT
200μs/DIV
VOUT
100mV/DIV
AC-COUPLED
IL
5A/DIV
3859 G15
VOUT = 10V
VIN = 5V
FIGURE 12 CIRCUIT
2μs/DIV
FORCED
CONTINUOUS
MODE
Burst Mode
OPERATION
5A/DIV
PULSE-
SKIPPING
MODE
3859 G16
VOUT = 10V
VIN = 7V
ILOAD = 1mA
FIGURE 12 CIRCUIT
2ms/DIV
VOUT3
2V/DIV
GND
3859 G17
VIN = 5V
FIGURE 12 CIRCUIT
TEMPERATURE (°C)
–45
1.212
1.209
1.203
1.191
1.194
1.197
1.206
1.200
1.188
30
55
80
105
130
–20
3859 G18
5


Similar Part No. - LTC3859IUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3859 LINER-LTC3859 Datasheet
373Kb / 36P
   PolyPhase Synchronous Boost Controller
LTC3859 LINER-LTC3859 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3859A LINER-LTC3859A Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3859A LINER-LTC3859A Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3859IUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
LTC7811 AD-LTC7811 Datasheet
2Mb / 42P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
logo
Linear Technology
LTC3859AL LINER-LTC3859AL_15 Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28A Burst Mode IQ
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859AL LINER-LTC3859AL Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com