Electronic Components Datasheet Search |
|
FMX-532DF20H3 Datasheet(PDF) 1 Page - Caliber Electronics Inc. |
|
FMX-532DF20H3 Datasheet(HTML) 1 Page - Caliber Electronics Inc. |
|
1 / 1 page FMX-532 Series (Metal Lid, Seam Weld) 0.8mm Ceramic Surface Mount Crystal Frequency Range 10.000MHz to 48.000MHz Frequency Tolerance/Stability A, B, C, D, E, F See above for details. Other Combinations Available. Contact Factory for Custom Specifications. Operating Temperature Range A, B, C, D, E, F, G, H (See Table 1) Storage Temperature Range -55°C to 100°C Load Capacitance “S” Option “XX” Option Series 10pF to 50pF Insulation Resistance 500 Megaohms Minimum at 100Vdc Drive Level 100uW Maximum, 100uW correlation ELECTRICAL SPECIFICATIONS Revision: 2002-D Aging @ 25°C ±2ppm / year Maximum Shunt Capacitance 5pF Maximum TABLE 1: PART NUMBERING CODES Operating Temperature Frequency Stability (±ppm) * Denotes Availability of Options Range ±5 ppm ±10 ppm ±15 ppm ±20 ppm ±30 ppm ±50 ppm Code A B C D E F -10 to 60°C A * * * * * * -20 to 70°C B * * * * * 0 to 70°C C * * * * * -10 to 70°C D * * * * * -20 to 70°C E * * * * * -30 to 60°C F * * * -20 to 80°C G * * * -40 to 85°C H * * * EQUIVALENT SERIES RESISTANCE (ESR) Frequency Range (MHz) ESR (ohms) Mode / Cut 12.000 to 19.990MHz 50 Fundamental / AT 20.000 to 29.999MHz 50 Fundamental / AT 30.000 to 48.000MHz 50 Fundamental / AT MECHANICAL DIMENSIONS TEL 949-366-8700 FAX 949-366-8707 WEB http://www.caliberelectronics.com PART NUMBERING GUIDE Environmental/Mechanical Specifications on page F5 FMX - 532 E G 20 C 1 - 29.4912MHz Package 5X3.2X0.8mm max. ht. / Seam Weld (Metal Lid Package Mode of Operation Tolerance 1=Fundamental A=±10ppm 3=Third Overtone B=±15ppm Operating Temperature Range C=±20ppm Per Table 1 D=±30ppm E=±50ppm Stability Load Capacitance A=±5ppm / B=±10ppm S=Series, XX=XXpF (Pico Farads) C=±15ppm / D=±20ppm E=±30ppm / F=±50ppm CAL I BER Electr on ics In c. Lead-Free RoHS Compliant Pad Connection 1 Crystal In 2 Ground 3 Crystal Out 4 Ground All Dimensions in mm. 5.0 ±0.20 3.20 ±0.20 4 1 3 2 0.8 ±0.1 2.3±0.10 1.20X4 0.85X4 1.6 1.9 1.6 0.7 1.35 1.35 Recommended Solder Pattern Marking Guide 16.000M CEIYM 16.000M= Frequency CEI = Caliber Electronis Inc. YM = Date Code (Yr./Mth) |
Similar Part No. - FMX-532DF20H3 |
|
Similar Description - FMX-532DF20H3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |