Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3856IUH-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3856IUH-PBF
Description  2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856IUH-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3856IUH-PBF Datasheet HTML 3Page - Linear Technology LTC3856IUH-PBF Datasheet HTML 4Page - Linear Technology LTC3856IUH-PBF Datasheet HTML 5Page - Linear Technology LTC3856IUH-PBF Datasheet HTML 6Page - Linear Technology LTC3856IUH-PBF Datasheet HTML 7Page - Linear Technology LTC3856IUH-PBF Datasheet HTML 8Page - Linear Technology LTC3856IUH-PBF Datasheet HTML 9Page - Linear Technology LTC3856IUH-PBF Datasheet HTML 10Page - Linear Technology LTC3856IUH-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC3856

3856f
INPUT VOLTAGE (V)
5
3.3
4.3
4.5
15
25
35
2.9
3.9
3.1
4.1
2.7
2.5
3.7
3.5
10
20
40
30
3856 G08
INPUT VOLTAGE (V)
0
4.75
5.00
4.50
4.25
20
10
30
15
35
5
25
40
3.50
3.25
3.00
4.00
5.25
3.75
3856 G09
VSENSE COMMON MODE VOLTAGE (V)
0
60
70
50
40
2
4
1
3
5
10
0
30
80
20
3856 G11
ILIM = GND
ILIM = FLOAT
ILIM = INTVCC
DUTY CYCLE (%)
0
40
90
100
20
40
60
20
70
30
80
10
0
60
50
10
30
80
100
50
70
90
3856 G12
ILIM = GND
ILIM = FLOAT
ILIM = INTVCC
FEEDBACK VOLTAGE (V)
0
0.2
0.4
0.1
0.3
0.6
0.5
3856 G13
40
90
100
20
70
30
80
10
0
60
50
ILIM = GND
ILIM = FLOAT
ILIM = INTVCC
TEMPERATURE (°C)
–50
1.4
–25
25
0
50
75
100 125
1.1
1.0
1.3
1.5
1.2
3856 G14
VITH (V)
0
–40
–20
0
20
40
60
80
0.5
1
1.5
2
3856 G10
ILIM = GND
ILIM = FLOAT
ILIM = INTVCC
Typical perForMance characTerisTics
Current Sense Threshold
vs ITH Voltage
Maximum Current Sense Threshold
vs Common Mode Voltage
Maximum Current Sense Voltage
vs Duty Cycle
Maximum Current Sense Voltage
vs Feedback Voltage
(Current Foldback)
TK/SS Pull-Up Current
vs Temperature
Load Step with AVP
Quiescent Current vs Input
Voltage without EXTVCC
INTVCC Line Regulation
Load Step without AVP
100µs/DIV
VOUT
50mV/DIV
IL
20A/DIV
3856 G07
VIN = 12V
VOUT = 1.5V
108mV
50A
25A
100µs/DIV
VOUT
50mV/DIV
IL
20A/DIV
3856 G07a
VIN = 12V
VOUT = 1.5V
54mV
50A
25A


Similar Part No. - LTC3856IUH-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3856 LINER-LTC3856 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3856 LINER-LTC3856 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3856 LINER-LTC3856 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3856 LINER-LTC3856 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3856IUH-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com