Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3631IMS8E-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3631IMS8E-TRPBF
Description  High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3631IMS8E-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3631IMS8E-TRPBF Datasheet HTML 1Page - Linear Technology LTC3631IMS8E-TRPBF Datasheet HTML 2Page - Linear Technology LTC3631IMS8E-TRPBF Datasheet HTML 3Page - Linear Technology LTC3631IMS8E-TRPBF Datasheet HTML 4Page - Linear Technology LTC3631IMS8E-TRPBF Datasheet HTML 5Page - Linear Technology LTC3631IMS8E-TRPBF Datasheet HTML 6Page - Linear Technology LTC3631IMS8E-TRPBF Datasheet HTML 7Page - Linear Technology LTC3631IMS8E-TRPBF Datasheet HTML 8Page - Linear Technology LTC3631IMS8E-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC3631
5
3631fb
TYPICAL PERFORMANCE CHARACTERISTICS
Peak Current Trip Threshold
vs RISET
Peak Current Trip Threshold
vs Input Voltage
Quiescent Supply Current
vs Input Voltage
Quiescent Supply Current
vs Temperature
Switch On-Resistance
vs Input Voltage
Switch On-Resistance
vs Temperature
Switch Leakage Current
vs Temperature
RUN Comparator Threshold
Voltages vs Temperature
Operating Waveforms
RISET (kΩ)
0
20
60
100
140
180
400
800
200
600
1000
3631 G10
1200
220
40
80
120
160
200
240
VIN = 10V
INPUT VOLTAGE (V)
0
150
200
250
40
3631 G11
100
50
125
175
225
75
25
0
10
20
30
545
15
25
35
50
ISET OPEN
RSET = 500k
ISET = GND
VIN VOLTAGE (V)
5
10
12
14
SLEEP
45
3631 G12
8
6
15
25
35
4
2
0
SHUTDOWN
TEMPERATURE (°C)
–40
10
12
14
80
3631 G13
8
6
–10
20
50
110
4
2
0
VIN = 10V
SLEEP
SHUTDOWN
VIN VOLTAGE (V)
0
0
0.5
1.5
2.0
2.5
20
40
50
4.5
3631 G14
1.0
10
30
TOP
BOTTOM
3.0
3.5
4.0
TEMPERATURE (°C)
–40
3
4
5
3631 G15
2
1
0
–10
20
50
80
110
VIN = 10V
TOP
BOTTOM
TEMPERATURE (°C)
–40
0.3
0.4
0.6
0.5
3631 G16
0.2
0.1
0
–10
20
50
80
110
VIN = 45V
SW = 0V
SW = 45V
TEMPERATURE (°C)
–40
1.000
1.050
1.100
1.150
1.200
1.250
1.300
–10
20
50
80
3631 G17
110
RISING
FALLING
SWITCH
VOLTAGE
20V/DIV
OUTPUT
VOLTAGE
50mV/DIV
INDUCTOR
CURRENT
100mA/DIV
20μs/DIV
VIN = 36V
VOUT = 5V
ILOAD = 35mA
3631 G18


Similar Part No. - LTC3631IMS8E-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3631 LINER-LTC3631 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3631 LINER-LTC3631 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LTC3631 LINER-LTC3631 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LTC3631 LINER-LTC3631 Datasheet
532Kb / 22P
   High Efficiency, High Voltage 100mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
586Kb / 28P
   40V, 1A Synchronous Step-Down Converter
36461fc
More results

Similar Description - LTC3631IMS8E-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3631 LINER-LTC3631_15 Datasheet
532Kb / 22P
   High Efficiency, High Voltage 100mA Synchronous Step-Down Converter
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com