Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3619BEDD-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3619BEDD-PBF
Description  400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3619BEDD-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3619BEDD-PBF Datasheet HTML 2Page - Linear Technology LTC3619BEDD-PBF Datasheet HTML 3Page - Linear Technology LTC3619BEDD-PBF Datasheet HTML 4Page - Linear Technology LTC3619BEDD-PBF Datasheet HTML 5Page - Linear Technology LTC3619BEDD-PBF Datasheet HTML 6Page - Linear Technology LTC3619BEDD-PBF Datasheet HTML 7Page - Linear Technology LTC3619BEDD-PBF Datasheet HTML 8Page - Linear Technology LTC3619BEDD-PBF Datasheet HTML 9Page - Linear Technology LTC3619BEDD-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3619B

3619bfa
VFB1(Pin1/Pin1):Regulator1OutputFeedback.Receives
the feedback voltage from the external resistive divider
across the regulator 1 output. Nominal voltage for this
pin is 0.6V.
RUN1 (Pin 2/Pin 2): Regulator 1 Enable. Forcing this pin
to VIN enables regulator 1, while forcing it to GND causes
regulator 1 to shut down.
RLIM (Pin 3/Pin 3): Average Input Current Limit Program
Pin. Place a resistor and capacitor in parallel from this
pin to ground.
PGOOD1(Pin4/Pin4):Open-DrainLogicOutput.PGOOD1
is pulled to ground if the voltage on the VFB1 pin is not
within power good threshold.
SW1 (Pin 5/Pin 5): Regulator 1 Switch Node Connection
to the Inductor. This pin swings from VIN to GND.
VIN (Pin 6/Pin 6): Main Power Supply. Must be closely
de-coupled to GND.
SW2 (Pin 7/Pin 7): Regulator 2 Switch Node Connection
to the Inductor. This pin swings from VIN to GND.
PGOOD2(Pin8/Pin8):Open-DrainLogicOutput.PGOOD2
is pulled to ground if the voltage on the VFB2 pin is not
within power good threshold.
RUN2 (Pin 9/Pin 9): Regulator 2 Enable. Forcing this pin
to VIN enables regulator 2, while forcing it to GND causes
regulator 2 to shut down.
VFB2 (Pin 10/Pin 10): Regulator 2 Output Feedback.
Receives the feedback voltage from the external resistive
divider across the regulator 2 output. Nominal voltage for
this pin is 0.6V.
GND (Pin 11/Pin 11): Ground. Bottom Exposed Pad. Con-
nect to the (–) terminal of COUT, and the (–) terminal of
CIN. The Exposed Pad must be soldered to PCB.
pin FuncTions
Typical perForMance characTerisTics T
A = 25°C, VIN = 5V, unless otherwise noted.
(DD/MSE)
Average Input Current Limit
vs Temperature
Load Step
Load Step
TEMPERATURE (°C)
–50
–8
–4
–2
–6
0
6
4
2
8
75
100
50
25
0
–25
3619B G19
125
VIN = 5V
ILIM = 475mA
VIN = 5V, VOUT = 3.3V
ILOAD = 0A TO 400mA
CL = 4.7µF
20µs/DIV
3619B G20
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT
200mV/DIV
AC-COUPLED
VIN = 5V, VOUT = 1.8V
ILOAD = 40mA TO 400mA
CL = 4.7µF
20µs/DIV
3619B G21
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT
200mV/DIV
AC-COUPLED


Similar Part No. - LTC3619BEDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3619B LINER-LTC3619B_15 Datasheet
512Kb / 20P
   400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
More results

Similar Description - LTC3619BEDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3619B LINER-LTC3619B_15 Datasheet
512Kb / 20P
   400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
LTC3619 LINER-LTC3619_15 Datasheet
505Kb / 22P
   400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
LTC3606B LINER-LTC3606B Datasheet
319Kb / 20P
   800mA Synchronous Step-Down DC/DC with Average Input Current Limit
LTC3606B LINER-LTC3606B_15 Datasheet
351Kb / 20P
   800mA Synchronous Step-Down DC/DC with Average Input Current Limit
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com