Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1838310000 Datasheet(PDF) 12 Page - Weidmuller

Part # 1838310000
Description  System pitch 5.08 mm (0.200 inch) BLZP 5.08/12/180 SN BK BX
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1838310000 Datasheet(HTML) 12 Page - Weidmuller

Back Button 1838310000 Datasheet HTML 8Page - Weidmuller 1838310000 Datasheet HTML 9Page - Weidmuller 1838310000 Datasheet HTML 10Page - Weidmuller 1838310000 Datasheet HTML 11Page - Weidmuller 1838310000 Datasheet HTML 12Page - Weidmuller 1838310000 Datasheet HTML 13Page - Weidmuller 1838310000 Datasheet HTML 14Page - Weidmuller 1838310000 Datasheet HTML 15Page - Weidmuller 1838310000 Datasheet HTML 16Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Datasheet
System pitch 5.08 mm (0.200 inch)
BLZP 5.08/12/180 SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
Mating connector (conditionally pluggable)
Creation date June 17, 2010 5:46:49 PM CEST
Last update 03.05.2010 / We reserve the right to make technical changes.
12
SLS 5.08TB KF35
Male connector with screw clamping yoke connection for
connecting conductors. Clip-on feet for mounting on terminal
rail. The male connectors provide space for labelling and can
be coded. Packed in cardboard box.
• 0.20 - 2.5 mm² (IEC) / 26 - 12 AWG (UL)
• 400 V (IEC) / 300 V (UL)
• 21.5 A (IEC) / 15 A (UL)
General ordering data
Order No.
Part designation
Version
GTIN (EAN)
Qty.
Packaging
1846170000
SLS 5.08/12/180TB KF SN OR BX
PCB plug-in connector, male
plug, 5.08 mm, No. of poles:
12, 180°, Clamping yoke
connection, Clamping range,
max.: 3.31 mm², Box
4032248362455
10 pc(s).
Box
SLZF 5.08/180FI
Male connector with tension clamp connection for connecting
conductors. The male connectors provide space for labelling
and can be coded. Packed in cardboard box.
• 0.20 - 2.5 mm² (IEC) / 26 - 14 AWG (UL)
• 400 V (IEC) / 300 V (UL)
• 23 A (IEC) / 15 A (UL)
General ordering data
Order No.
Part designation
Version
GTIN (EAN)
Qty.
Packaging
1846610000
SLZF 5.08/12/180FI SN OR BX
PCB plug-in connector, male
plug, 5.08 mm, No. of poles:
12, 180°, Tension clamp
connection, Clamping range,
max.: 3.31 mm², Box
4032248362912
50 pc(s).
Box


Similar Part No. - 1838310000

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18383 VICOR-18383 Datasheet
148Kb / 4P
   16. Through-hole Socket Mount System (InMate)
logo
PHOENIX CONTACT
1838381 PHOENIX-1838381 Datasheet
158Kb / 6P
   PC 4/ 2-ST-7,62
1838381 PHOENIX-1838381 Datasheet
159Kb / 6P
   PC 4/ 3-ST-7,62
1838381 PHOENIX-1838381 Datasheet
163Kb / 6P
   PC 4/ 4-ST-7,62
1838381 PHOENIX-1838381 Datasheet
160Kb / 6P
   PC 4/ 6-ST-7,62
More results

Similar Description - 1838310000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013540000 WEIDMULLER-1013540000 Datasheet
74Kb / 4P
   BLF 5.08/12/180 SN BK BX
1945980000 WEIDMULLER-1945980000 Datasheet
82Kb / 4P
   BLZP 5.08/02/225B SN BK BX
1946560000 WEIDMULLER-1946560000 Datasheet
81Kb / 4P
   BLZP 5.08/02/225 SN BK BX
1013450000 WEIDMULLER-1013450000 Datasheet
74Kb / 4P
   BLF 5.08/04/180 SN BK BX
1013580000 WEIDMULLER-1013580000 Datasheet
74Kb / 4P
   BLF 5.08/16/180 SN BK BX
1013520000 WEIDMULLER-1013520000 Datasheet
74Kb / 4P
   BLF 5.08/10/180 SN BK BX
1013440000 WEIDMULLER-1013440000 Datasheet
74Kb / 4P
   BLF 5.08/03/180 SN BK BX
1013470000 WEIDMULLER-1013470000 Datasheet
74Kb / 4P
   BLF 5.08/06/180 SN BK BX
1013490000 WEIDMULLER-1013490000 Datasheet
74Kb / 4P
   BLF 5.08/08/180 SN BK BX
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
   BLF 5.08/02/180 SN BK BX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com