Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3614IUDD-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3614IUDD-PBF
Description  4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3614IUDD-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3614IUDD-PBF Datasheet HTML 6Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 7Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 8Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 9Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 10Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 11Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 12Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 13Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3614
10
3614f
FUNCTIONAL BLOCK DIAGRAM
+
+
+
+
+
MODE
+
SLEEP
MODE
BURST
COMPARATOR
ITH SENSE
COMPARATOR
ERROR
AMPLIFIER
FOLDBACK
AMPLIFIER
0.6V
0.3V
R
0.555V
TRACK/SS
0.645V
SRLIM/DDR
EXPOSED PAD
3614 BD
SOFT-START
BANDGAP
AND
BIAS
VFB
RUN
SGND
RT/SYNC
ITH
SVIN – 0.3V
PVIN PVIN
SVIN
PGOOD
LOGIC
SW
SW
SW
SW
PGND
REVERSE
COMPARATOR
IREV
OSCILLATOR
+
INTERNAL
COMPENSATION
CURRENT
SENSE
SLOPE
COMPENSATION
PMOS CURRENT
COMPARATOR
ITH
LIMIT
PVIN PVIN
DRIVER
SW
SW
SW
SW


Similar Part No. - LTC3614IUDD-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3614 AD-LTC3614 Datasheet
2Mb / 26P
   5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3614 AD-LTC3614 Datasheet
2Mb / 28P
   5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
LTC3614 AD-LTC3614 Datasheet
1Mb / 28P
   5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
logo
Linear Technology
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3614IUDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com