Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3614IUDD-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3614IUDD-PBF
Description  4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3614IUDD-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3614IUDD-PBF Datasheet HTML 3Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 4Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 5Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 6Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 7Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 8Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 9Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 10Page - Linear Technology LTC3614IUDD-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3614
7
3614f
Frequency vs Input Voltage
Switch Leakage vs Temperature,
Main Switch
Switch Leakage vs Temperature,
Synchronous Switch
Switch On-Resistance
vs Temperature
Frequency vs Resistor on
RT/SYNC Pin
Frequency vs Temperature
Dynamic Supply Current vs Input
Voltage without AVP Mode
VOUT Short to GND,
Forced Continuous Mode
Dynamic Supply Current vs
Temperature without AVP Mode
RESISTOR ON RT/SYNC PIN (kΩ)
0
0
500
1500
2000
2500
800
4500
3614 G23
1000
400
200
1000 1200
600
1400
3000
3500
4000
TEMPERATURE (°C)
–50
–1.2
–1.0
–0.6
–0.4
–0.2
0.8
0.2
–10
30
50
130
3614 G24
–0.8
0.4
0.6
0
–30
10
70
90 100
INPUT VOLTAGE (V)
2.25
–2.5
–2.0
–1.0
–0.5
0
1.0
3614 G25
–1.5
0.5
3.75
3.25
5.25
2.75
4.25
4.75
INPUT VOLTAGE (V)
0.1
1
10
100
2.25
3.25
3.75
4.25
4.75
0.01
2.75
5.25
3614 G28
FORCED CONTINUOUS MODE
PULSE-SKIPPING MODE
Burst Mode OPERATION
FREQ = 2.25MHz
TEMPERATURE (°C)
0.1
1
10
100
–50
30
70
110 130
0.01
–10 10
50
90
–30
3614 G29
FORCED CONTINUOUS MODE
PULSE-SKIPPING MODE
Burst Mode OPERATION
FREQ = 2.25MHz
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, RT/SYNC = SVIN unless otherwise noted.
TEMPERATURE (°C)
–50
0
0.005
0.015
0.020
0.025
70
0.045
3614 G22
0.010
10
–10
110
50
–30
90
30
130
0.030
0.035
0.040
MAIN SWITCH
SYNCHRONOUS SWITCH
TEMPERATURE (°C)
–50
4000
5000
6000
110
3614 G26
3000
2000
0
–10
30
70
–30
130
10
50
90
1000
8000
7000
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
TEMPERATURE (°C)
–50
4000
5000
6000
110
3614 G27
3000
2000
0
–10
30
70
–30
130
10
50
90
1000
8000
7000
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VOUT
500mV/DIV
IL
5A/DIV
100μs/DIV
3614 G30
VOUT = 1.8V
IOUT = 0A
VMODE = 1.5V


Similar Part No. - LTC3614IUDD-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3614 AD-LTC3614 Datasheet
2Mb / 26P
   5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3614 AD-LTC3614 Datasheet
2Mb / 28P
   5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
LTC3614 AD-LTC3614 Datasheet
1Mb / 28P
   5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
logo
Linear Technology
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3614IUDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com