Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAM-1025-6R8M-F Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # LAM-1025-6R8M-F
Description  Axial Molded Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

LAM-1025-6R8M-F Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  LAM-1025-6R8M-F Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
A, B, (inch conversion)
B=Bulk
T=Tape & Reel
Inductance Code
F=Flat Pack
Tolerance
J=5%, K=10%, M=20%
LAM - 1025 - R10 K - T
Axial Molded Inductor
(LAM-1025 Series)
Features
Inductance Range
0.1 µH to 1000 µH
Tolerance
5%, 10%, 20%
Operating Temperature
-20°C to +80°C
Construction
Unshielded Molded Epoxy
Core Material (0.10 µH to 1.00 µH)
Phenolic
Core Material (1.20 µH to 1000 µH)
Ferrite
Dielectric Strength
1000 Volts RMS
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
64.0 ± 2.0
6.35 ± 0.25
0.50 ± 0.05 dia
2.41 ± 0.2
(B)
(A)
Electrical Specifications
L
Code
L
(µH)
Q
Min
Test
Freq
(MHz)
SRF
Min
(MHz)
RDC
Max
(Ohms)
IDC
Max
(mA)
L
Code
L
(µH)
Q
Min
Test
Freq
(MHz)
SRF
Min
(MHz)
RDC
Max
(Ohms)
IDC
Max
(mA)
R10
0.10
40
25.2
680
0.08
1350
120
12.0
45
2.52
40
2.70
155
R12
0.12
40
25.2
640
0.09
1270
150
15.0
40
2.52
30
2.80
150
R15
0.15
38
25.2
600
0.10
1200
180
18.0
50
2.52
30
3.10
145
R18
0.18
35
25.2
550
0.12
1105
220
22.0
50
2.52
25
3.30
140
R22
0.22
33
25.2
510
0.14
1025
270
27.0
50
2.52
20
3.50
135
R27
0.27
33
25.2
430
0.16
960
330
33.0
45
2.52
24
3.40
130
R33
0.33
30
25.2
410
0.22
815
390
39.0
45
2.52
22
3.60
125
R39
0.39
30
25.2
365
0.30
700
470
47.0
45
2.52
20
4.50
110
R47
0.47
30
25.2
330
0.35
650
560
56.0
45
2.52
18
5.70
100
R56
0.56
30
25.2
300
0.50
545
680
68.0
50
2.52
15
6.70
92
R68
0.68
28
25.2
275
0.60
495
820
82.0
50
2.52
14
7.30
88
R82
0.82
28
25.2
250
0.85
415
101
100
50
2.52
13
8.00
81
1R0
1.00
25
25.2
230
1.00
385
121
120
30
0.796
12
13
66
1R2
1.20
25
7.96
150
0.18
590
151
150
30
0.796
11
15
61
1R5
1.50
28
7.96
140
0.22
535
181
180
30
0.796
10
17
57
1R8
1.80
30
7.96
125
0.30
455
221
220
30
0.796
9
31
62
2R2
2.20
30
7.96
115
0.40
395
271
270
30
0.796
8
25
47
2R7
2.70
37
7.96
100
0.55
355
331
330
30
0.796
7
28
45
3R3
3.30
45
7.96
90
0.85
270
391
390
30
0.796
6.5
35
40
3R9
3.90
45
7.96
80
1.00
250
471
470
30
0.796
6
42
36
4R7
4.70
45
7.96
75
1.20
230
561
560
30
0.796
5
46
35
5R6
5.60
50
7.96
65
1.80
185
681
680
30
0.796
4
60
30
6R8
6.80
50
7.96
60
2.00
175
821
820
30
0.796
3.8
65
29
8R2
8.20
55
7.96
55
2.70
155
102
1000
30
0.796
3.4
72
28
100
10.0
55
7.96
50
3.70
130
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LAM-1025-6R8M-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LAM-1025-6R8M-F ETC2-LAM-1025-6R8M-F Datasheet
29Kb / 1P
   Axial Molded Inductor
More results

Similar Description - LAM-1025-6R8M-F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Caliber Electronics Inc...
LAM-1641 CALIBER-LAM-1641 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9250A BOURNS-9250A Datasheet
248Kb / 2P
   Molded Axial Inductor
9310-00-RC BOURNS-9310-00-RC Datasheet
226Kb / 2P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com