Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBT060ZGHH Datasheet(PDF) 2 Page - Power-One

Part # HBT060ZGHH
Description  HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HBT060ZGHH Datasheet(HTML) 2 Page - Power-One

  HBT060ZGHH Datasheet HTML 1Page - Power-One HBT060ZGHH Datasheet HTML 2Page - Power-One HBT060ZGHH Datasheet HTML 3Page - Power-One HBT060ZGHH Datasheet HTML 4Page - Power-One HBT060ZGHH Datasheet HTML 5Page - Power-One HBT060ZGHH Datasheet HTML 6Page - Power-One HBT060ZGHH Datasheet HTML 7Page - Power-One HBT060ZGHH Datasheet HTML 8Page - Power-One HBT060ZGHH Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet
HBT Series – Half-Brick DC/DC Converter
48V Input
60 Watt Triple Output
REV. 10/01
Page 2 of 12
www.power-one.com
Table 1. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Input Voltage
Continuous
Transient
Vi
Vi
-
-
80
100
Vdc
Vdc
Operating Baseplate Temperature
Note 1
Tb
-40
+100
°C
Storage Temperature
Tstg
-55
+125
°C
Input to Output Isolation
-
-
1500
Vdc
Output Short Circuit Duration
-
-
Continuous
-
Total Output Power
Pomax
-
60
W
No Load Power Dissipation
-
6
W
Electrical Specifications
Unless otherwise indicated, specifications apply over all input voltages, resistive load, and Tbp=+40
°C.
Table 2. Input Specifications
Parameter
Symbol
Min
Typ
Max
Units
Voltage Range
Vi
33
48
75
Vdc
Maximum Input Current
Ii
-
-
3
A
Input Ripple Rejection (120Hz)
-
60
-
dB
Inrush Transient
-
-
1
A
2s
Input Reflected Ripple (See Fig.1)
100
MA p-p
Fusing considerations
Caution: This DC-DC converter is not internally fused. An external input fuse must always be used.
Table 3. Output Specifications
Parameter
Symbol
Min
Typ
Max
Units
Output Power
Po1
Po2
Po3
-
-
-
-
-
-
60
30
30
W
W
W
Output Voltage Set Point
(Vi=48Vdc, Io1=6A,
Io2=Io3=1.25A)
Vo1
Vo2, Vo3
4.9
11.834
5.0
12.2
5.1
12.566
Vdc
Vdc
Output Line Regulation:
(Vi=Vi,min to Vi,max)
(Io1=6A, Io2=Io3=1.25A)
Vo1
-
0.02
0.1
%
Output Load Regulation:
(0.5A to Iomax)
Vo1
-
0.2
0.4
%
Output Load Regulation:
(Vi = Vi.min to Vi,max)
(All Loading Conditions)
Vo2, Vo3
10.5
-
13.5
Vdc
Output Temperature Regulation:
(Tbase =-40
°C to +100°C)
All Outputs
-
0.02
0.05
%/
°C
Output Current
(Maximum output power limited to
60W)
Io1
Io2
Io3
0.5
0
0
6
1.25
1.25
12
2.5
2.5
A
A
A


Similar Part No. - HBT060ZGHH

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
HBT127 CINCON-HBT127 Datasheet
422Kb / 12P
   HEATSINK KIT for DC/DC CONVERTERS
logo
Hi-Sincerity Mocroelect...
HBT136AE HSMC-HBT136AE Datasheet
43Kb / 4P
   TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HBT137F-600 HUASHAN-HBT137F-600 Datasheet
201Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HBT138F-600 HUASHAN-HBT138F-600 Datasheet
201Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
logo
Hi-Sincerity Mocroelect...
HBT139DE HSMC-HBT139DE Datasheet
60Kb / 4P
   Three Quadrant Triac
More results

Similar Description - HBT060ZGHH

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
   100 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com