Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-2-TRMPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT6700HVHS6-2-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-2-TRMPBF Datasheet(HTML) 2 Page - Linear Technology

  LT6700HVHS6-2-TRMPBF Datasheet HTML 1Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 2Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 3Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 4Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 5Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 6Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 7Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 8Page - Linear Technology LT6700HVHS6-2-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT6700/LT6700HV

6700123fg
absoluTe MaxiMuM raTings
Total Supply Voltage (VS to GND) ..........................18.5V
Input Voltage (+IN, –IN)
LT6700 (Note 3).......................... 18.5V to (GND – 0.3V)
LT6700HV (Note 3) ........................ 40V to (GND – 0.3V)
LT6700 Output Voltage (OUT) ..... 18.5V to (GND – 0.3V)
LT6700HV Output Voltage (OUT) ... 40V to (GND – 0.3V)
Output Short-Circuit Duration (Note 2) ............ Indefinite
Input Current (Note 3)..........................................–10mA
Operating Temperature Range (Note 4)
LT6700CS6/LT6700HVCS6/
LT6700CDCB-1/-2/-3 ...........................–40°C to 85°C
LT6700IS6/LT6700HVIS6/
LT6700IDCB-1/-2/-3 ............................ –40°C to 85°C
LT6700HS6/LT6700HVHS6/
LT6700HDCB-1/-2/-3 ........................ –40°C to 125°C
(Note 1)
pin conFiguraTion
Specified Temperature Range (Note 5)
LT6700CS6/LT6700HVCS6/
LT6700CDCB-1/-2/-3 .............................. 0°C to 70°C
LT6700IS6/LT6700HVIS6/
LT6700IDCB-1/-2/-3 ............................ –40°C to 85°C
LT6700HS6/LT6700HVHS6/
LT6700HDCB-1/-2/-3 ....................... –40°C to 125°C
LT6700MPDCB-1/-2/-3 .................... –55°C to 125°C
Maximum Junction Temperature
S6 Package....................................................... 150°C
DCB6 Package .................................................. 150°C
Storage Temperature Range
S6 Package........................................ –65°C to 150°C
DCB6 Package ................................... –65°C to 150°C
Lead Temperature, TSOT-23 (Soldering, 10 sec)... 300°C
LT6700-1
LT6700HV-1
LT6700-2
LT6700HV-2
LT6700-3
LT6700HV-3
OUTA 1
GND 2
+INA 3
6 OUTB
5 VS
4 –INB
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
OUTA 1
GND 2
–INA 3
6 OUTB
5 VS
4 –INB
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
OUTA 1
GND 2
+INA 3
6 OUTB
5 VS
4 +INB
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
LT6700-1
LT6700-2
LT6700-3
TOP VIEW
+ INA
GND
–INB
OUTA
OUTB
VS
DCB6 PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 64°C/W
SOLDERED EXPOSED PAD (PIN 7)
INTERNALLY CONNECTED TO GND
(PCB CONNECTION OPTIONAL)
TOP VIEW
– INA
GND
–INB
OUTA
OUTB
VS
DCB6 PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 64°C/W
SOLDERED EXPOSED PAD (PIN 7)
INTERNALLY CONNECTED TO GND
(PCB CONNECTION OPTIONAL)
TOP VIEW
+ INA
GND
+INB
OUTA
OUTB
VS
DCB6 PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 64°C/W
SOLDERED EXPOSED PAD (PIN 7)
INTERNALLY CONNECTED TO GND
(PCB CONNECTION OPTIONAL)


Similar Part No. - LT6700HVHS6-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-2-TRMPBF LINER-LT6700HVHS6-2-TRMPBF Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com