Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3589 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 5 Page - Linear Technology

  LTC3589 Datasheet HTML 1Page - Linear Technology LTC3589 Datasheet HTML 2Page - Linear Technology LTC3589 Datasheet HTML 3Page - Linear Technology LTC3589 Datasheet HTML 4Page - Linear Technology LTC3589 Datasheet HTML 5Page - Linear Technology LTC3589 Datasheet HTML 6Page - Linear Technology LTC3589 Datasheet HTML 7Page - Linear Technology LTC3589 Datasheet HTML 8Page - Linear Technology LTC3589 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LTC3589
5
3589p
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LDO Regulators
tLDO_SS
Soft-Start Time LDO2, LDO3, LDO4
100
μs
RLDO_PD
Output Pull-Down Resistance LDO2, LDO3,
LDO4
LDO Disabled
2000
Ω
Always-On Regulator (LDO1_STDBY)
VLDO1_FB
LDO1 Feedback Voltage
l
0.76
0.8
0.84
V
VLDO1
LDO1 Line Regulation
ILDO1_STBY = 1mA, LDO1_STBY = 3.3V,
VIN = 2.7V to 5.5V
0.2
%/V
LDO1 Load Regulation
ILDO1 = 0.1mA to 25mA,
LDO1_STBY = 3.3V
0.2
%
ILDO1
Available Output Current
l
25
mA
ILDO1_SC
Short Circuit Output Current Limit
65
100
mA
VDROP1
Dropout Voltage (Note 4)
ILDO1 = 25mA, LDO1_STBY = 3.3V
180
280
mV
ILDO1_FB
LDO1_FB Input Current
VLDO1_FB = 0.85V
–0.1
0.1
μA
LDO Regulator 2 (LDO2)
VIN_LDO2
VIN_LDO2 Input Voltage Range
l
1.7
VIN
V
IVIN_LDO2
VIN_LDO2 Quiescent Current
VIN_LDO2 Shutdown Current
EN_LDO2 = High, LDO2_FB = 0.85V
EN_LDO2 = Low
l
l
14
0
19
1
μA
μA
IVIN
VIN Quiescent Current
EN_LDO2 = High
l
50
80
μA
VFB2(MAX)
LDO2 Maximum Feedback Voltage
L2DTV1 = L2DTV2 = 11111
l
0.735
0.75
0.765
V
VFB2(LSB)
LDO2 Feedback LSB Step Size
12.5
mV
VFB2(MIN)
LDO2 Minimum Feedback Voltage
L2DTV1 = L2DTV2 = 00000
VIN_LDO2 = VIN = 2.7V to 5.5V,
ILDO2 = 1mA
l
0.351
0.3625
0.373
V
LDO2 Line Regulation
ILDO2 =1mA, VINLDO2 = 2.7V to 5.5V
0.1
%/V
LDO2 Load Regulation
ILDO2 = 1mA to 250mA
0.1
%
IOUT2
LDO2 Available Output Current
l
250
mA
ISC2
LDO2 Short-Circuit Current Limit
300
420
600
mA
VDROP2
Dropout Voltage (Note 4)
ILDO2 = 200mA, VLDO2 = 2.5V
ILDO2 = 200mA, VLDO2 = 1.2V
130
330
180
500
mV
mV
ILDO2_FB
LDO2_FB Input Current
VLDO2_FB = 0.8V
–0.1
0.1
μA
LDO Regulator 3 (LDO3)
VIN_LDO34
VIN_LDO34 Input Range
l
2.35
VIN
V
IVIN_LDO34
VIN_LDO34 Quiescent Current
VIN_LDO34 Shutdown Current
EN_LDO3 = High, LDO3_FB = 0.85V
Regulator Disabled
l
l
14
0
24
1
μA
μA
IVIN
VIN Quiescent Current
l
50
80
μA
VLDO3
LDO3 Output Voltage
VIN_LDO34 = VIN = 2.7V to 5V,
ILDO3 = 1mA
l
1.746
1.8
1.854
V
LD03 Line Regulation
ILDO3 =1mA, VINLDO34 = 2.7V to 5.5V
0.1
%/V
LDO3 Load Regulation
ILDO3 = 1mA to 250mA
0.1
%
ILDO3
LDO3 Available Output Current
l
250
mA
ILDO3_SC
LDO3 Short-Circuit Current Limit
300
420
600
mA
VDROP3
LDO3 Dropout Voltage (Note 4)
ILDO3 = 200mA, VLDO3 = 1.8V
180
250
mV
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = PVIN1 = PVIN2 = PVIN3 = PVIN4 = VIN_LDO2 = VIN_LDO34
= DVDD = 3.8V. All regulators disabled unless otherwise noted.


Similar Part No. - LTC3589

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3589 LINER-LTC3589 Datasheet
2Mb / 46P
   8-Output Regulator with Sequencing and I2C
LTC3589 LINER-LTC3589 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589 LINER-LTC3589 Datasheet
476Kb / 36P
   8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3589 LINER-LTC3589 Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
LTC3589 LINER-LTC3589 Datasheet
5Mb / 44P
   60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
More results

Similar Description - LTC3589

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3589 LINER-LTC3589_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589 LINER-LTC3589_12 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589-2 LINER-LTC3589-2_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589-1 LINER-LTC3589-1_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589 LINER-LTC3589_1 Datasheet
2Mb / 46P
   8-Output Regulator with Sequencing and I2C
LTC3589EUJ-1 LINER-LTC3589EUJ-1 Datasheet
1Mb / 14P
   8-Output Regulator with Sequencing and I2C
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com