Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML032RGB1T Datasheet(PDF) 2 Page - Rohm

Part # SML032RGB1T
Description  3-color type LED (standard)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML032RGB1T Datasheet(HTML) 2 Page - Rohm

  SML032RGB1T Datasheet HTML 1Page - Rohm SML032RGB1T Datasheet HTML 2Page - Rohm SML032RGB1T Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FORWARD VOLTAGE
:VF (V)
100
10
1.0
3.0
2.0
4.0
5.0
1
Ta=25°C
ATOMOSPHERE TEMPERATURE
:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FORWARD CURRENT
:IF (mA)
10
1.0
0.1
010
5
15202530
0.01
Ta=25°C
AMBIENT TEMPERATURE
:Ta (
°C)
0
10
20
40
30
-40
-20
0
20
40
60
80
100
SML032RGB1T(R)
SML032RGB1T(G)
SML032RGB1T(B)
SML032RGB1T(R)
SML032RGB1T(G)
SML032RGB1T(B)
SML032RGB1T(R)
SML032RGB1T(G)
SML032RGB1T(B)
SML032RGB1T(R)
SML032RGB1T(G)
SML032RGB1T(B)
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML032RGB
2/2
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.05 - Rev.A


Similar Part No. - SML032RGB1T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML032RGB1T ROHM-SML032RGB1T Datasheet
1Mb / 4P
   3-color type LED (standard)
SML032RGB1T1Y ROHM-SML032RGB1T1Y Datasheet
1Mb / 4P
   3-color type LED (standard)
More results

Similar Description - SML032RGB1T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML032RGB ROHM-SML032RGB_11 Datasheet
1Mb / 4P
   3-color type LED (standard)
logo
Lucky Light Electronic
LL-509RGBM2E-004 LUCKY-LIGHT-LL-509RGBM2E-004 Datasheet
197Kb / 10P
   5mm Standard T-1 3/4 Type Full Color With Common Anode LED
logo
Kersemi Electronic Co.,...
LL-509RGBM2E-004 KERSEMI-LL-509RGBM2E-004 Datasheet
197Kb / 10P
   5mm Standard T-1 3/4 Type Full Color With Common Anode LED
logo
NICHIA CORPORATION
NSSM016DT NICHIA-NSSM016DT Datasheet
435Kb / 13P
   TYPE FULL COLOR LED
NSSM026ABT NICHIA-NSSM026ABT Datasheet
306Kb / 13P
   TYPE FULL COLOR LED
logo
Rohm
SML-522 ROHM-SML-522 Datasheet
336Kb / 13P
   2-color type LED
logo
Elite Enterprises (H.K....
EL-2RG732 ELITE-EL-2RG732 Datasheet
203Kb / 1P
   MULTI-COLOR TYPE LED
EL-3RG332 ELITE-EL-3RG332 Datasheet
201Kb / 1P
   MULTI-COLOR TYPE LED
EL-3RGU32 ELITE-EL-3RGU32 Datasheet
202Kb / 1P
   MULTI-COLOR TYPE LED
EL-8RG332 ELITE-EL-8RG332 Datasheet
207Kb / 1P
   MULTI-COLOR TYPE LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com