Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBS033YE-A Datasheet(PDF) 3 Page - Power-One

Part # HBS033YE-A
Description  HBS SERIES - 50 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HBS033YE-A Datasheet(HTML) 3 Page - Power-One

  HBS033YE-A Datasheet HTML 1Page - Power-One HBS033YE-A Datasheet HTML 2Page - Power-One HBS033YE-A Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that
you prefer and add them to the model number. Example ordering options are located below the
options table.
OPTION
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, LES, QBS,
QES, TES, TQD
TTL “Low” Turns Module ON
TTL “High” Turns Module OFF
Lucent Compatible Trim
T
HAS, HBD, HBS, HES, QBS, QES
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
PIN LENGTH AND HEATSINK
OPTIONS
Standard Pin Length is 0.180”
(4.6mm)
0.110” (2.8mm) Pin Length
8
All Units (Except SMS)
0.150” (3.8mm) Pin Length
9
All Units (Except SMS)
0.24” (6.1mm) Horizontal Heatsink
1H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.24” (6.1mm) Vertical Heatsink
1V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.45” (11.4mm) Horizontal
Heatsink
2H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.45” (11.4mm) Vertical Heatsink
2V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.95” (24.1mm) Horizontal
Heatsink
3H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.95” (24.1mm) Vertical Heatsink
3V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
Example Options: HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and
0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Part No. - HBS033YE-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HBS066YE POWER-ONE-HBS066YE Datasheet
175Kb / 3P
   HBS SERIES - 75 WATT
HBS066YE-A POWER-ONE-HBS066YE-A Datasheet
175Kb / 3P
   HBS SERIES - 75 WATT
HBS066YE-A POWER-ONE-HBS066YE-A Datasheet
122Kb / 3P
   HBS SERIES - 75 WATT
HBS066ZE-A POWER-ONE-HBS066ZE-A Datasheet
175Kb / 3P
   HBS SERIES - 75 WATT
HBS066ZE-A POWER-ONE-HBS066ZE-A Datasheet
122Kb / 3P
   HBS SERIES - 75 WATT
More results

Similar Description - HBS033YE-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HBS100ZE-ANT POWER-ONE-HBS100ZE-ANT Datasheet
118Kb / 3P
   HBS SERIES - 100 WATT
HBS POWER-ONE-HBS Datasheet
83Kb / 3P
   HBS SERIES - 100 WATT
HBS066YE POWER-ONE-HBS066YE Datasheet
175Kb / 3P
   HBS SERIES - 75 WATT
HBS150YG-A POWER-ONE-HBS150YG-A Datasheet
88Kb / 3P
   HBS SERIES - 150 WATT
HBS066ZE-ANT POWER-ONE-HBS066ZE-ANT Datasheet
122Kb / 3P
   HBS SERIES - 75 WATT
logo
TRACO Electronic AG
TEN50 TRACOPOWER-TEN50 Datasheet
907Kb / 5P
   TEN 50 Series, 50 Watt
Rev. November 30, 2022
logo
Hirose Electric
CTB-MJ-88SR HIROSE-CTB-MJ-88SR Datasheet
1Mb / 6P
   ISDN and HBS CONNECTORS
logo
SL Power Electronics
PW152 SLPOWER-PW152 Datasheet
350Kb / 2P
   Universal 50 Watt Series
logo
TRACO Electronic AG
TIS TRACOPOWER-TIS Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
TEN50WI TRACOPOWER-TEN50WI Datasheet
900Kb / 4P
   TEN 50WI Series, 50 Watt
Rev. March 1, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com