Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBS Datasheet(PDF) 1 Page - Power-One

Part No. HBS
Description  HBS SERIES - 100 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HBS Datasheet(HTML) 1 Page - Power-One

  HBS Datasheet HTML 1Page - Power-One HBS Datasheet HTML 2Page - Power-One HBS Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
1
Turn-On Time
10 ms
Remote Shutdown
Positive Or Negative Logic
Remote Shutdown Reference
V
in Negative
Switching Frequency
500 kHz
Isolation, Input - Output
1500 VDC
Isolation, Input - Case
1050 VDC
Isolation, Output - Case
500 VDC
Temperature Coefficient
0.2%/°C
Case Temperature
Operating Range
-40 To +100°C
Storage Range
-40 To +125°C
Thermal Shutdown Range
105 To 115°C
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
MTBF† (Bellcore TR-NWT-000332)
2.1 x 106 hrs
Safety
UL, CUL, VDE
Weight (approx.)
2.5 oz
TECHNICAL SPECIFICATIONS
Voltage Range
24 VDC Nominal
18 - 36 VDC
48 VDC Nominal
34 - 75 VDC
Reflected Ripple
25 mA
Input Reverse Voltage Protection
Shunt Diode
HBS DC/DC converters provide up to 100 Watts of
output power in an industry standard half-brick package
and footprint. These units feature excellent efficiency,
Class A conducted noise specs, and fixed switching
frequency. The HBS features open-frame packaging,
along with planar magnetics to provide maximum
useable power with minimal thermal constraints. The
HBS is especially suited to telecom, networking, and
industrial applications, and is fully compatible with
production board washing processes.
• Industry Standard Half-
Brick
• Open-Frame Packaging
• 100°C Baseplate Operation
• Water Washable
• “True-Trim” Option
• 1500V Isolation
• Positive Or Negative
Logic
Setpoint Accuracy
±1%
Line Regulation V
in Min. - Vin Max., Iout Rated
0.2% V
out
Load Regulation I
out Min. - Iout Max., Vin Nom.
0.2% V
out
Remote Sense Headroom
0.5 VDC
Minimum Output Current
10 % I
out Rated
Dynamic Regulation, Loadstep
25% I
out
Pk Deviation
4% V
out
Settling Time
500
µs
Voltage Trim Range
±10%
Short Circuit / Overcurrent Protection
Hiccup
Current Limit Threshold Range, % of I
out Rated
110 - 140%
OVP Trip Range
115 - 140% V
out Nom.
OVP
Hiccup
Output
DESCRIPTION
FEATURES
HBS SERIES - 100 WATT
Input
General
Notes
MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless otherwise
stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Units are water-washable and fully compatible with commercial spray or
immersion post wave-solder washing equipment.
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD %
HBS100ZG-A
Efficiency vs. Load (48V Input)
HBS100YJ-A
72
74
76
78
80
82
84
86
88
90
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF. (18V)
EFF. (24V)
EFF. (36V)
Efficiency vs. Load (24V Input)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HBS066YE HBS SERIES - 75 WATT 1  2  3  Power-One
HBS150YG-A HBS SERIES - 150 WATT 1  2  3  Power-One
HBS050YE-A HBS SERIES - 50 WATT 1  2  3  Power-One
MJD122 SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT 1  2  3  4  5  More Motorola, Inc
DL4728 1 Watt Zener Diode 3.3 to 100 Volts 1  2  Micro Commercial Components
HPT015YEHH-A HPT SERIES - TRIPLE OUTPUT 15 WATT 1  2  3  Power-One
MAU300 MAU300 Series 2 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output 1  2  3  4  Total Power International
TEL5 DC/DC Converters - TEL 5 Series 5/6 Watt 1  2  3  TRACO Electronic AG
THD12 DC/DC Converters - THD 12 Series 12 Watt 1  2  3  TRACO Electronic AG
TSP Industrial Power Supplies TSP Series 78 - 600 Watt 1  2  3  4  5  More TRACO Electronic AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn