Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3108IGN-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3108IGN-TRPBF
Description  Ultralow Voltage Step-Up Converter and Power Manager
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108IGN-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3108IGN-TRPBF Datasheet HTML 1Page - Linear Technology LTC3108IGN-TRPBF Datasheet HTML 2Page - Linear Technology LTC3108IGN-TRPBF Datasheet HTML 3Page - Linear Technology LTC3108IGN-TRPBF Datasheet HTML 4Page - Linear Technology LTC3108IGN-TRPBF Datasheet HTML 5Page - Linear Technology LTC3108IGN-TRPBF Datasheet HTML 6Page - Linear Technology LTC3108IGN-TRPBF Datasheet HTML 7Page - Linear Technology LTC3108IGN-TRPBF Datasheet HTML 8Page - Linear Technology LTC3108IGN-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC3108

3108fa
Typical perForMance characTerisTics
IVOUT and Efficiency vs VIN,
1:20 Ratio Transformer
Input Resistance vs VIN
(VOUT Charging)
IVOUT vs VIN and Source Resistance,
1:20 Ratio
TA = 25°C, unless otherwise noted.
IVOUT and Efficiency vs VIN,
1:50 Ratio Transformer
IVOUT and Efficiency vs VIN,
1:100 Ratio Transformer
VIN (mV)
0
2500
3000
3500
2000
1500
100
200
400
300
500
500
0
1000
4000
50
60
70
40
30
10
0
20
80
3108 G01
IVOUT
(VOUT = 4.5V)
EFFICIENCY
(VOUT = 4.5V)
IVOUT
(VOUT = 0V)
C1 = 10nF
VIN (mV)
0
2000
2400
2800
1600
1200
100
200
400
300
500
400
0
800
3200
50
60
70
40
30
10
0
20
80
3108 G02
C1 = 4.7nF
IVOUT
(VOUT = 4.5V)
EFFICIENCY
(VOUT = 4.5V)
IVOUT
(VOUT = 0V)
VIN (mV)
0
1000
1200
800
600
100
200
400
300
500
200
0
400
1400
50
60
70
40
30
10
0
20
3108 G03
C1 = 1nF
IVOUT
(VOUT = 4.5V)
EFFICIENCY
(VOUT = 4.5V)
IVOUT
(VOUT = 0V)
VIN (mV)
0
5
6
7
4
3
100
200
400
300
500
1
0
2
8
9
10
3108 G04
1:20 RATIO
1:50 RATIO
1:100 RATIO
VIN OPEN-CIRCUIT (mV)
100
10
1000
10000
0
3108 G05
0
200 300
500
100
400
600 700 800
1
2
5
10
C1 = 10nF
VIN (mV)
3108 G00
1000
100
10
1
10
100
1000
1:50 RATIO, C1 = 4.7n
1:100 RATIO, C1 = 1n
1:20 RATIO, C1 = 10n
IIN vs VIN, (VOUT = 0V)


Similar Part No. - LTC3108IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108IGN-1-PBF LINER-LTC3108IGN-1-PBF Datasheet
1Mb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108IGN-1-TRPBF LINER-LTC3108IGN-1-TRPBF Datasheet
1Mb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
More results

Similar Description - LTC3108IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108 LINER-LTC3108_15 Datasheet
385Kb / 22P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1_15 Datasheet
406Kb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108 Datasheet
258Kb / 20P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1 Datasheet
1Mb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109_15 Datasheet
420Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109 Datasheet
334Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3109 LINER-LTC3109_12 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com