Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3108EGN-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3108EGN-TRPBF
Description  Ultralow Voltage Step-Up Converter and Power Manager
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108EGN-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3108EGN-TRPBF Datasheet HTML 1Page - Linear Technology LTC3108EGN-TRPBF Datasheet HTML 2Page - Linear Technology LTC3108EGN-TRPBF Datasheet HTML 3Page - Linear Technology LTC3108EGN-TRPBF Datasheet HTML 4Page - Linear Technology LTC3108EGN-TRPBF Datasheet HTML 5Page - Linear Technology LTC3108EGN-TRPBF Datasheet HTML 6Page - Linear Technology LTC3108EGN-TRPBF Datasheet HTML 7Page - Linear Technology LTC3108EGN-TRPBF Datasheet HTML 8Page - Linear Technology LTC3108EGN-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC3108

3108fa
absoluTe MaxiMuM raTings
SW Voltage ..................................................–0.3V to 2V
C1 Voltage....................................................–0.3V to 6V
C2 Voltage (Note 5).........................................–8V to 8V
VOUT2, VOUT2_EN...........................................–0.3V to 6V
VAUX....................................................15mA into VAUX
(Note 1)
12
11
10
9
8
7
13
GND
1
2
3
4
5
6
SW
C2
C1
VOUT2_EN
VS1
VS2
VAUX
VSTORE
VOUT
VOUT2
VLDO
PGD
TOP VIEW
DE PACKAGE
12-LEAD (4mm 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB (NOTE 4)
GN PACKAGE
16-LEAD PLASTIC SSOP NARROW
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
VAUX
VSTORE
VOUT
VOUT2
VLDO
PGD
GND
GND
SW
C2
C1
VOUT2_EN
VS1
VS2
GND
TJMAX = 125°C, θJA = 110°C/W
pin conFiguraTion
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
Using 1:100 Transformer Turns Ratio, VAUX = 0V
20
50
mV
No-Load Input Current
Using 1:100 Transformer Turns Ratio; VIN = 20mV,
VOUT2_EN = 0V; All Outputs Charged and in Regulation
3
mA
Input Voltage Range
Using 1:100 Transformer Turns Ratio
l
VSTARTUP
500
mV
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are for TA = 25°C (Note 2). VAUX = 5V, unless otherwise noted.
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3108EDE#PBF
LTC3108EDE#TRPBF
3108
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3108IDE#PBF
LTC3108IDE#TRPBF
3108
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3108EGN#PBF
LTC3108EGN#TRPBF
3108
16-Lead Plastic SSOP
–40°C to 125°C
LTC3108IGN#PBF
LTC3108IGN#TRPBF
3108
16-Lead Plastic SSOP
–40°C to 125°C
Consult LTC Marketing for parts specified for other fixed output voltages or wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VS1, VS2, VAUX, VOUT, PGD........................–0.3V to 6V
VLDO, VSTORE ............................................–0.3V to 6V
Operating Junction Temperature Range
(Note 2)................................................. –40°C to 125°C
Storage Temperature Range.................. –65°C to 125°C


Similar Part No. - LTC3108EGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108EGN-1-PBF LINER-LTC3108EGN-1-PBF Datasheet
1Mb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108EGN-1-TRPBF LINER-LTC3108EGN-1-TRPBF Datasheet
1Mb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
More results

Similar Description - LTC3108EGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108 LINER-LTC3108_15 Datasheet
385Kb / 22P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1_15 Datasheet
406Kb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108 Datasheet
258Kb / 20P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1 Datasheet
1Mb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109_15 Datasheet
420Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109 Datasheet
334Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3109 LINER-LTC3109_12 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com