Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3101EUF-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3101EUF-TRPBF
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101EUF-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3101EUF-TRPBF Datasheet HTML 5Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 6Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 7Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 8Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 9Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 10Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 11Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 12Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC3101
9
3101fb
Buck-Boost Burst Mode Ripple
Buck Burst Mode Ripple
Buck-Boost Burst to PWM Mode
Transient
Buck Output Voltage Transient on
USB Hot Plug
Buck-Boost Output Voltage
Transient on USB Hot Plug
Buck-Boost Soft-Start, PWM Mode
Buck Soft-Start, PWM Mode
OUTPUT
VOLTAGE
20mV/DIV
INDUCTOR
CURRENT
200mA/DIV
20μs/DIV
3101 G34
VBAT = 3V
VOUT = 3.3V
L = 4.7μH
COUT = 10μF
ILOAD = 10mA
OUTPUT
VOLTAGE
10mV/DIV
INDUCTOR
CURRENT
50mA/DIV
20μs/DIV
3101 G35
VBAT = 3V
VOUT = 1.2V
L = 4.7μH
COUT = 10μF
CFF = 18pF
ILOAD = 5mA
OUTPUT
VOLTAGE
200mV/DIV
INDUCTOR
CURRENT
200mA/DIV
VUSB
2V/DIV
100μs/DIV
3101 G37
VBAT = 3V
VOUT = 1.8V
ILOAD = 100mA
OUTPUT
VOLTAGE
200mV/DIV
INDUCTOR
CURRENT
200mA/DIV
VUSB
2V/DIV
100μs/DIV
3101 G38
VBAT = 3V
VOUT = 3.3V
ILOAD = 100mA
OUTPUT
VOLTAGE
1V/DIV
INDUCTOR
CURRENT
200mA/DIV
200μs/DIV
3101 G39
VBAT = 3V
VOUT = 3.3V
L = 4.7μH
COUT = 10μF
OUTPUT
VOLTAGE
500mV/DIV
INDUCTOR
CURRENT
200mA/DIV
200μs/DIV
3101 G40
VBAT = 3V
VOUT = 1.2V
L = 4.7μH
COUT = 10μF
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise specified)
VOUT3
50mV/DIV
VBAT = 5.5V
VOUT3
50mV/DIV
VBAT = 3V
VOUT3
50mV/DIV
VBAT = 1.8V
200μs/DIV
3101 G36
VOUT3 = 3.3V
L = 4.7μH
COUT = 10μF
ILOAD = 5mA


Similar Part No. - LTC3101EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3101EUF-TRPBF LINER-LTC3101EUF-TRPBF Datasheet
421Kb / 32P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
More results

Similar Description - LTC3101EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3101 LINER-LTC3101 Datasheet
421Kb / 32P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC3101 LINER-LTC3101_15 Datasheet
541Kb / 34P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC7812EUH LINER-LTC7812EUH Datasheet
429Kb / 14P
   Wide VIN, Step-Up Step-Down DC/DC Converter
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
logo
HITRON ELECTRONICS CORP...
HDU45 HITRON-HDU45 Datasheet
307Kb / 4P
   DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
logo
Power Integrations, Inc...
DI-69 POWERINT-DI-69 Datasheet
264Kb / 2P
   15 W Multi-Output DC-DC Converter
logo
Murata Manufacturing Co...
MYMGC3R32EFPF2RB MURATA1-MYMGC3R32EFPF2RB Datasheet
1Mb / 18P
   MonoBKTM , Multi output DC-DC Converter Series
2018
logo
Texas Instruments
LM5127-Q1 TI-LM5127-Q1 Datasheet
2Mb / 59P
[Old version datasheet]   LM5127-Q1 2.2MHz Wide VIN Automotive Front-stage Multi-rail DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com