Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3050IMSE-5-TR Datasheet(PDF) 8 Page - Linear Technology

Part # LT3050IMSE-5-TR
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050IMSE-5-TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3050IMSE-5-TR Datasheet HTML 4Page - Linear Technology LT3050IMSE-5-TR Datasheet HTML 5Page - Linear Technology LT3050IMSE-5-TR Datasheet HTML 6Page - Linear Technology LT3050IMSE-5-TR Datasheet HTML 7Page - Linear Technology LT3050IMSE-5-TR Datasheet HTML 8Page - Linear Technology LT3050IMSE-5-TR Datasheet HTML 9Page - Linear Technology LT3050IMSE-5-TR Datasheet HTML 10Page - Linear Technology LT3050IMSE-5-TR Datasheet HTML 11Page - Linear Technology LT3050IMSE-5-TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT3050 Series
8
3050fa
Input Ripple Rejection
Minimum Input Voltage
Load Regulation
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C, unless otherwise noted.
FREQUENCY (Hz)
90
40
50
60
70
80
30
3050 G19
0
10
20
10
100
1K
10K
100K
1M
10M
IL = 100mA
CREF/BYP = 100pF
VOUT = 5V
VIN = 5.8V + 50mVRMS RIPPLE
COUT = 2.2μF
COUT = 10μF
TEMPERATURE (°C)
2.2
1.2
1.4
1.6
1.8
2.0
1.0
3050 G20
0
0.2
0.4
0.6
0.8
–75 –50 –25 0
25 50 75 100 125 150 175
IL =100mA
TEMPERATURE (°C)
4
1
2
3
0
3050 G21
–4
–2
–1
–3
–75 –50
0
25
–25
50 75 100 125 150 175
ΔIL = 1mA TO 100mA
VOUT = 0.6V
VIN = 2.2V
TEMPERATURE (°C)
100
20
40
50
60
70
80
90
30
10
3050 G19a
0
–75 –50 –25 0
25 50 75 100 125 150 175
IL = 100mA
VOUT = 5V
VIN = 5.8V + 0.5VP-P RIPPLE AT f = 120Hz
COUT = 10µF
CREF/BYP = 10nF
Ripple Rejection vs Temperature
Reverse Output Current
Reverse Output Current
Input Ripple Rejection
VOUT (V)
1.0
0.3
0.6
0.7
0.8
0.9
0.4
0.5
0.1
0.2
3050 G16
0
0
1020304050
ALL PINS GROUNDED EXCEPT FOR OUT
FREQUENCY (Hz)
90
40
50
60
70
80
30
3050 G18
0
10
20
10
100
1K
10K
100K
1M
10M
IL = 100mA
COUT = 10μF
VOUT = 5V
VIN = 5.8V + 50mVRMS RIPPLE
CREF/BYP = 0
CREF/BYP = 100pF
CREF/BYP = 10nF
TEMPERATURE (°C)
50
10
20
25
30
35
40
45
15
5
3050 G17
0
–75 –50 –25 0
25 50 75 100 125 150 175
VOUT = VADJ = 1.2V
VIN = 0
IADJ
IOUT
TEMPERATURE (°C)
–9
–6
–3
–0
–18
–15
–12
–21
3050 G21a
–33
–27
–24
–30
–75 –50
0
25
–25
50 75 100 125 150 175
ΔIL = 1mA TO 100mA
VOUT = 3.3V
VIN = 3.9V
TEMPERATURE (°C)
–10
–5
–0
–25
–20
–15
–30
3050 G21b
–50
–40
–35
–45
–75 –50
0
25
–25
50 75 100 125 150 175
ΔIL = 1mA TO 100mA
VOUT = 5V
VIN = 5.6V
Load Regulation
Load Regulation


Similar Part No. - LT3050IMSE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050IMSE LINER-LT3050IMSE Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSEPBF LINER-LT3050IMSEPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSETR LINER-LT3050IMSETR Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSETRPBF LINER-LT3050IMSETRPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
More results

Similar Description - LT3050IMSE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com