Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3050EMSE-5-TR Datasheet(PDF) 4 Page - Linear Technology

Part # LT3050EMSE-5-TR
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050EMSE-5-TR Datasheet(HTML) 4 Page - Linear Technology

  LT3050EMSE-5-TR Datasheet HTML 1Page - Linear Technology LT3050EMSE-5-TR Datasheet HTML 2Page - Linear Technology LT3050EMSE-5-TR Datasheet HTML 3Page - Linear Technology LT3050EMSE-5-TR Datasheet HTML 4Page - Linear Technology LT3050EMSE-5-TR Datasheet HTML 5Page - Linear Technology LT3050EMSE-5-TR Datasheet HTML 6Page - Linear Technology LT3050EMSE-5-TR Datasheet HTML 7Page - Linear Technology LT3050EMSE-5-TR Datasheet HTML 8Page - Linear Technology LT3050EMSE-5-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT3050 Series
4
3050fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dropout Voltage
VIN = VOUT(NOMINAL) (Notes 5, 6)
ILOAD = 1mA
ILOAD = 1mA
l
110
150
220
mV
mV
ILOAD = 10mA
ILOAD = 10mA
l
195
240
340
mV
mV
ILOAD = 50mA
ILOAD = 50mA
l
280
330
450
mV
mV
ILOAD = 100mA
ILOAD = 100mA
l
340
400
550
mV
mV
GND Pin Current
VIN = VOUT(NOMINAL) + 0.6V (Notes 6, 7, 11)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
l
l
l
l
l
45
60
175
0.85
2.2
90
160
370
2
5.2
μA
μA
μA
mA
mA
Quiescent Current in Shutdown
VIN = 12V, VSHDN = 0V
0.17
1
μA
ADJ Pin Bias Current (Notes 3, 12)
VIN = 12V
l
12.5
60
nA
Output Voltage Noise
COUT = 10μF, ILOAD = 100mA, VOUT = 600mV,
BW = 10Hz to 100kHz
90
μVRMS
Output Voltage Noise
COUT = 10μF, CBYP = 0.01μF, ILOAD = 100mA, VOUT = 600mV
BW = 10Hz to 100kHz
30
μVRMS
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.3
0.7
0.6
1.5
V
V
SHDN Pin Current (Note 13)
VSHDN = 0V
VSHDN = 45V
l
l
0.9
1
3
μA
μA
Ripple Rejection
VIN – VOUT = 2V, VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 100mA
LT3050
LT3050-3.3
LT3050-5
70
55
51
85
70
66
dB
dB
dB
FAULT Pin Logic Low Voltage
VIN = 2.2V, FAULT Asserted, IFAULT = 100μA
l
140
250
mV
FAULT Pin Leakage Current
FAULT = 5V, FAULT Not Asserted
0.01
1
μA
Input Reverse Leakage Current
VIN = –45V, VOUT = 0
l
300
μA
Reverse Output Current (Note 14)
VOUT = 1.2V, VIN = 0
0.2
10
μA
Internal Current Limit (Note 3)
VIN = 2.2V or VOUT(NOMINAL) + 0.6V, VOUT = 0V, IMAX = 0V
VIN = 2.2V or VOUT(NOMINAL) + 0.6V, ΔVOUT = –5%
l
110
240
mA
External Programmed Current Limit
(Notes 6, 8)
LT3050-3.3
3.9V < VIN < 13.3V, RIMAX = 2.26k
FAULT Pin Threshold (IFAULT)
3.9V < VIN < 13.3V, RIMAX = 1.5k
FAULT Pin Threshold (IFAULT)
3.9V < VIN < 13.3V, RIMAX = 1.15k
FAULT Pin Threshold (IFAULT)
LT3050, LT3050-5
5.6V < VIN < 15V, RIMAX = 2.26k
FAULT Pin Threshold (IFAULT)
5.6V < VIN < 15V, RIMAX = 1.5k
FAULT Pin Threshold (IFAULT)
5.6V < VIN < 15V, RIMAX = 1.15k
FAULT Pin Threshold (IFAULT)
l
l
l
l
l
l
48.8
73.6
96
47.8
72.1
94.4
51.4
77.5
101
50.4
75.9
99.3
54
81.4
106
52.9
79.7
104.3
mA
mA
mA
mA
mA
mA


Similar Part No. - LT3050EMSE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050EMSE LINER-LT3050EMSE Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050EMSEPBF LINER-LT3050EMSEPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050EMSETR LINER-LT3050EMSETR Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050EMSETRPBF LINER-LT3050EMSETRPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
More results

Similar Description - LT3050EMSE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com