Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LT3071 Datasheet(PDF) 26 Page - Linear Technology

Part No. LT3071
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT3071 Datasheet(HTML) 26 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LT3071

3071f
Figure 9. Triple Output Supply Providing 1V, 8A and 1.8V, 5A and 1.5V, 3A
typicAl ApplicAtions
BIAS
50k
LT3071
IN
EN
VO0
VO1
47µF
2.2µF
VIN
3.3V
2.2µF*
0.01µF
1nF
4.7µF*
10µF*
VMON
2V AT 5A
FULL SCALE
VMON
2V AT 3A
FULL SCALE
P.O.L. 1
P.O.L. 2
PWRGD
VOUT
1V
4A
VO2
MARGA
IMON
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
10µF
VIN
3.3V
10µF
VBUCK1 = 1.3V/8A
VBUCK2 = 2.1V/8A
100µF
6.3V
X5R
100µF
6.3V
X5R
VOUT1
MGN1
FB1
ITH1
ITHM1
BSEL1
PGOOD1
VIN1
SVIN1
RUN1
PLLLPF1
MODE1
PHMODE1
TRACK1
VIN2
SVIN2
RUN2
PLLLPF2
MODE2
PHMODE2
TRACK2
VOUT2
MGN2
FB2
ITH2
ITHM2
BSEL2
PGOOD2
GND2
SGND2
GND1
SGND1
SW2
NC
CLKOUT2
CLKIN2
CLKOUT1
LTM4616
CLKIN1
SW1
NC
NC
NC
NC
NC
4.7nF
1nF
RTRACE
2.5m
CONTROLLED
RTRACE
2.5m
CONTROLLED
NOTE:
THE TWO LTM4616 MODULE CHANNELS ARE
INDEPENDENTLY CONTROLLED BY THE VIOC
CONTROLS FROM THE LINEAR REGULATORS
2k
10k
1nF
47µF
4.7nF
*X5R OR X7R CAPACITORS
BIAS
LT3071
IN
EN
VO0
VO1
47µF
20k
20k
10k
2k
NC
NC
NC
NC
2.2µF
2.2µF*
0.01µF
620
1k
4.7µF*
10µF*
VOUT
1V
4A
VMON
2V AT 8A
FULL SCALE
VO2
MARGA
IMON
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
*X5R OR X7R CAPACITORS
BIAS
LT3071
IN
EN
VO0
VO1
2.2µF
2.2µF*
0.01µF
4.7µF*
10µF*
VOUT
1.8V
5A
VO2
MARGA
IMON
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
*X5R OR X7R CAPACITORS
BIAS
LT3071
IN
EN
VO0
VO1
47µF
2.2µF
VIN
3.3V
VIN
3.3V
VIN
3.3V
2.2µF*
0.01µF
1nF
4.7µF*
10µF*
VOUT
1.5V
3A
VO2
MARGA
IMON
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
*X5R OR X7R CAPACITORS
1.67k
3071 F09
POWER
PLANE
1V/7A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn