Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE3002-DC94A Datasheet(PDF) 2 Page - Rohm

Part # SE3002-DC94A
Description  High speed thermal printhead (300 dots / inch)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SE3002-DC94A Datasheet(HTML) 2 Page - Rohm

  SE3002-DC94A Datasheet HTML 1Page - Rohm SE3002-DC94A Datasheet HTML 2Page - Rohm SE3002-DC94A Datasheet HTML 3Page - Rohm SE3002-DC94A Datasheet HTML 4Page - Rohm SE3002-DC94A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SE3002-DC94A
Printheads
2/4
Equivalent circuit
DI No.
DI2
STB2
STB1
640 to 321
320 to
1
DOT No.
640 to 321
DI1
320 to
1
STB No.
DOT No.
0.1
µF
50V
DOT#1
DOT#640
VH (COM)
VDD
GND
BEO
/LAT
CLK
SENS1
DI2
DI1
SENS2
SENS3
TM
TM
CONNECTOR
SHIFT
REGISTER
LATCH REGISTER
#640
#321
#320
#1
SHIFT
REGISTER
STB2
STB1


Similar Part No. - SE3002-DC94A

ManufacturerPart #DatasheetDescription
logo
Rohm
SE3002-DC90A ROHM-SE3002-DC90A Datasheet
67Kb / 4P
   High speed thermal printhead (300 dots / inch)
More results

Similar Description - SE3002-DC94A

ManufacturerPart #DatasheetDescription
logo
Rohm
NF3002-VA30A ROHM-NF3002-VA30A Datasheet
61Kb / 4P
   High speed thermal printhead (300 dots / inch)
SE3004-DC94A ROHM-SE3004-DC94A Datasheet
81Kb / 5P
   High speed thermal printhead (300 dots / inch)
SE3003-DC94A ROHM-SE3003-DC94A Datasheet
87Kb / 5P
   High speed thermal printhead (300 dots / inch)
SE3004-DC90A ROHM-SE3004-DC90A Datasheet
60Kb / 4P
   High speed thermal printhead (300 dots / inch)
SE3002-DC90A ROHM-SE3002-DC90A Datasheet
67Kb / 4P
   High speed thermal printhead (300 dots / inch)
NF3004-VA30A ROHM-NF3004-VA30A Datasheet
67Kb / 4P
   High speed thermal printhead (300 dots / inch)
SE3003-DC90A ROHM-SE3003-DC90A Datasheet
66Kb / 4P
   High speed thermal printhead (300 dots / inch)
NB3002-VA10A ROHM-NB3002-VA10A Datasheet
208Kb / 6P
   High speed thermal printhead (300 dots / inch)
NE3002-VA10A ROHM-NE3002-VA10A Datasheet
186Kb / 5P
   Near edge thermal printhead (300 dots / inch)
SH3002-DC90A ROHM-SH3002-DC90A Datasheet
57Kb / 4P
   Near edge thermal printhead (300 dots / inch)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com