Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3050IMSE-3.3-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3050IMSE-3.3-TRPBF
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050IMSE-3.3-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3050IMSE-3.3-TRPBF Datasheet HTML 7Page - Linear Technology LT3050IMSE-3.3-TRPBF Datasheet HTML 8Page - Linear Technology LT3050IMSE-3.3-TRPBF Datasheet HTML 9Page - Linear Technology LT3050IMSE-3.3-TRPBF Datasheet HTML 10Page - Linear Technology LT3050IMSE-3.3-TRPBF Datasheet HTML 11Page - Linear Technology LT3050IMSE-3.3-TRPBF Datasheet HTML 12Page - Linear Technology LT3050IMSE-3.3-TRPBF Datasheet HTML 13Page - Linear Technology LT3050IMSE-3.3-TRPBF Datasheet HTML 14Page - Linear Technology LT3050IMSE-3.3-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT3050 Series
11
3050fa
Minimum Output Current
Threshold RIMIN = 11.3k
Minimum Output Current
Threshold RIMIN = 110k
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C, unless otherwise noted.
TEMPERATURE (°C)
11.00
10.25
10.50
10.75
9.75
10.00
3050 G38
9.00
9.25
9.50
–75 –50 –25 0
25 50 75 100 125 150 175
VOUT = 5V
VIN = 5.6V
VIN = 12V
VIN = 15V
TEMPERATURE (°C)
1.100
1.025
1.050
1.075
0.975
1.000
3050 G37
0.900
0.925
0.950
–75 –50 –25 0
25 50 75 100 125 150 175
VOUT = 5V
VIN = 15V
VIN = 12V
VIN = 5.6V
External Current Limit
RIMAX = 1.5k
External Current Limit
RIMAX = 1.15k
TEMPERATURE (°C)
79.50
75.75
76.50
77.25
78.00
78.75
74.25
75.00
3050 G35
72.00
72.75
73.50
–75 –50 –25 0
25 50 75 100 125 150 175
VOUT = 5V
VIN = 5.6V
VIN = 12V
VIN = 15V
TEMPERATURE (°C)
105
100
101
102
103
104
98
99
3050 G36
95
96
97
–75 –50 –25 0 –25 50 75 100 125 150 175
VIN = 5.6V
VIN = 12V
VIN = 15V
VOUT = 5V
TEMPERATURE (°C)
10.7
11.0
11.3
10.4
3050 G38a
9.2
9.8
10.1
9.5
–75 –50
0
25
–25
50 75 100 125 150 175
VOUT = 3.3V
VIN = 13.3V
VIN = 3.9V
TEMPERATURE (°C)
1.07
1.10
1.13
1.04
3050 G37a
0.92
0.98
1.01
0.95
–75 –50
0
25
–25
50 75 100 125 150 175
VOUT = 3.3V
VIN = 13.3V
VIN = 3.9V
IOUT (mA)
102
97
98
99
100
101
95
96
3050 G39a
103
93
94
0
25
50
75
100
125
VIMON = 3.3V
VIMON = 2V
VIMON = 1V
VIMON = 0V
IOUT (mA)
102
97
98
99
100
101
95
96
3050 G40a
92
93
94
0
25
50
75
100
125
VIMON = 3.3V
VIMON = 2V
VIMON = 1V
VIMON = 0V
IOUT (mA)
102
97
98
99
100
101
95
96
3050 G41a
92
93
94
0
25
50
75
100
125
125°C
25°C
–55°C
VIMON = 3.3V
VIMON = 0V
Minimum Output Current
Threshold RIMIN = 11.3k
Minimum Output Current
Threshold RIMIN = 110k
IOUT/IMON Current Ratio
VOUT = 3.3V, VIN = 12V
IOUT/IMON Current Ratio
VOUT = 3.3V, VIN = 3.9V
IOUT/IMON Current Ratio
VOUT = 3.3V, VIN = 3.9V


Similar Part No. - LT3050IMSE-3.3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050IMSE LINER-LT3050IMSE Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSEPBF LINER-LT3050IMSEPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSETR LINER-LT3050IMSETR Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSETRPBF LINER-LT3050IMSETRPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
More results

Similar Description - LT3050IMSE-3.3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com