Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3022IDHC Datasheet(PDF) 1 Page - Linear Technology

Part # LT3022IDHC
Description  1A, 0.9V to 10V, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3022IDHC Datasheet(HTML) 1 Page - Linear Technology

  LT3022IDHC Datasheet HTML 1Page - Linear Technology LT3022IDHC Datasheet HTML 2Page - Linear Technology LT3022IDHC Datasheet HTML 3Page - Linear Technology LT3022IDHC Datasheet HTML 4Page - Linear Technology LT3022IDHC Datasheet HTML 5Page - Linear Technology LT3022IDHC Datasheet HTML 6Page - Linear Technology LT3022IDHC Datasheet HTML 7Page - Linear Technology LT3022IDHC Datasheet HTML 8Page - Linear Technology LT3022IDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3022

3022f
Typical applicaTion
FeaTures
DescripTion
1A, 0.9V to 10V,
Very Low Dropout
Linear Regulator
The LT®3022 is a very low dropout voltage (VLDO™)
linear regulator that operates from single input supplies
down to 0.9V. The device supplies 1A output current
with 145mV typical dropout voltage. The LT3022 is ideal
for low input voltage to low output voltage applications,
providing comparable electrical efficiency to a switching
regulator. The regulator optimizes stability and transient
response with low ESR ceramic output capacitors as small
as 10µF. Other LT3022 features include 0.05% typical line
regulationand0.05%typicalloadregulation.Inshutdown,
quiescentcurrenttypicallydropsto7.5µA.Internalprotec-
tion circuitry includes reverse-battery protection, current
limiting, thermal limiting with hysteresis and reverse-cur-
rent protection.
The LT3022 is available as an adjustable device with an
output voltage range down to the 200mV reference. The
LT3022 regulator is available in the thermally enhanced
low profile (0.75mm) 16-lead (5mm
× 3mm) DFN and
MSOP packages.
1.2V to 0.9V, 1A VLDO Regulator
applicaTions
n
VIN Range: 0.9V to 10V
n
Dropout Voltage: 145mV Typical
n
Output Current: 1A
n
Adjustable Output (VREF = VOUT(MIN) = 200mV)
n
Stable with Low ESR, Ceramic Output Capacitors
(10µF Minimum)
n
0.05% Typical Load Regulation from 1mA to 1A
n
Quiescent Current: 400µA Typical
n
7.5µA Typical Quiescent Current in Shutdown
n
Current Limit Protection
n
Reverse-Battery Protection with No Reverse Current
n
Thermal Limiting with Hysteresis
n
16-Lead (5mm
× 3mm) DFN and MSOP Packages
n
High Efficiency Linear Regulators
n
Battery-Powered Systems
n
Logic Supplies
n
Post Regulator for Switching Supplies
n
Wireless Modems
n
FPGA Core Supplies
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. VLDO is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
IN
10µF
VIN
1.2V
VOUT
0.9V
1A
LT3022
SHDN
698
1%
200
1%
OUT
ADJ
GND
10µF
3022 TA01a
Minimum Input Voltage
TEMPERATURE (°C)
–50
0.3
0.9
1.0
1.1
0
50
75
3022 TA01b
0.1
0.7
0.5
0.2
0.8
0
0.6
0.4
–25
25
100 125
IL = 1A


Similar Part No. - LT3022IDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT3022 LINER-LT3022 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT3022 LINEAR-LT3022 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3022IDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022_12 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022 LINER-LT3022_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.5 LINER-LT3022-1.5_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.2 LINER-LT3022-1.2_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.8 LINER-LT3022-1.8_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Semtech Corporation
SC4212L SEMTECH-SC4212L Datasheet
838Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
SC4212LM SEMTECH-SC4212LM Datasheet
844Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com