Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM2881CV-5-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTM2881CV-5-PBF
Description  Complete Isolated RS485/RS422 關Module Transceiver Power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2881CV-5-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM2881CV-5-PBF Datasheet HTML 7Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 8Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 9Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 10Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 11Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 12Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 13Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 14Page - Linear Technology LTM2881CV-5-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTM2881

2881fa
TesT circuiTs
A
B
0V OR VCC2
VCC2 OR 0V
RO
RE
CL
RL
VL
OR
GND
2881 F07a
RECEIVER
tZLR
tZHR
tHZR
tLZR
1/2 VL
1/2 VL
1/2 VL
RE
RO
RO
VL
VL
VOL
VOH
0V
0V
0.5V
0.5V
2881 F07b
Figure 7. Receiver Enable/Disable Time Measurements
tRTEN
tRTZ
VL
B
A
IA
TE
2881 F08
RECEIVER
90%
10%
0V
TE
+–
+–
VAB
VB
RTE =
IA
VAB
1/2 VL
RO
IA
Figure 8. Termination Resistance and Timing Measurements
FuncTional Table
LOGIC INPUTS
MODE
A, B
Y, Z
RO
DC/DC
CONVERTER
TERMINATOR
ON
RE
TE
DE
1
0
0
0
Receive
RIN
Hi-Z
Enabled
On
Off
1
0
0
1
Transceiver
RIN
Driven
Enabled
On
Off
1
1
0
1
Transmit
RIN
Driven
Hi-Z
On
Off
1
0
1
0
Receive + Term On
RTE
Hi-Z
Enabled
On
On
0
X
X
X
Off
RIN
Hi-Z
Hi-Z
Off
Off


Similar Part No. - LTM2881CV-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881CV-5 LINER-LTM2881CV-5 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881CV-5PBF LINER-LTM2881CV-5PBF Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
More results

Similar Description - LTM2881CV-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
   Complete Isolated RS485/RS422 Module Transceiver Power
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
   Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
   Isolated 3Volt RS422/RS485 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com