Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFC10E24S15 Datasheet(PDF) 1 Page - Power-One

Part # DFC10E24S15
Description  SINGLE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DFC10E24S15 Datasheet(HTML) 1 Page - Power-One

  DFC10E24S15 Datasheet HTML 1Page - Power-One DFC10E24S15 Datasheet HTML 2Page - Power-One DFC10E24S15 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
DESCRIPTION
The DFC10 Series provides power converter solutions to meet
commercial and industrial requirements. With power densities
above 11 watts per cubic inch (0.67 watts per cm3), overcurrent
protection, and five-sided shielded case, the DFC10 meets the
most rigorous needs in an industry standard case size. The
220KHz operating frequency of the DFC10 Series allows an
increased power density while including adequate heat sinking
and input/output filtering. This eliminates the need for external
components in most applications. Full overload protection is
provided by pulse-by-pulse current limiting.
FEATURES
• High Power Density, up to
11 Watts per Cubic Inch (0.67 watts per cm3)
• Efficiencies to 83% (Lower for 3.3V)
• Low Input to Output Capacitance
• 700V Isolation(1544V for 48V Converters)
• Continuous Overcurrent Protection
• 3.3Volt Output Available
• Five-Side Shielded Copper Case
• Extended Input Range (2:1)
DFC10 SERIES
SINGLE OUTPUT
1
BOTTOM VIEW
SIDE VIEW
3
5
2
0.300
0.000
0.200
0.500
0.61
1.02
2.02
(15.5)
(5.08)
(7.62)
(12.70)
(51.31)
(25.91)
0.040 (1.02)
DIA TYP
Mechanical tolerances unless otherwise noted:
X.XX dimensions: ±0.020 inches
X.XXX dimensions: ±0.005 inches
NOTES
(1)
All parameters measured at Tc = 25°C, nominal input voltage and full rated load unless otherwise noted.
Refer to the Technical Reference Section for the definition of terms, measurement circuits and other
information.
(2)
The Case is tied to the -Input pin.
(3)
The functional temperature range is intended to give an additional data point for use in evaluating this
power supply. At the low functional temperature the power supply will function with no side effects,
however, sustained operation at the high functional temperature will reduce expected operational life.
The data sheet specifications are not guaranteed beyond the case operating range.
(4)
The case thermal impedance is specified as the case temperature rise over ambient per package watt
dissipated.
Rev. 04/2000


Similar Part No. - DFC10E24S15

ManufacturerPart #DatasheetDescription
logo
Power-One
DFC10U POWER-ONE-DFC10U Datasheet
879Kb / 3P
   DUAL OUTPUT
DFC10U24D12 POWER-ONE-DFC10U24D12 Datasheet
879Kb / 3P
   DUAL OUTPUT
DFC10U24D15 POWER-ONE-DFC10U24D15 Datasheet
879Kb / 3P
   DUAL OUTPUT
DFC10U24D5 POWER-ONE-DFC10U24D5 Datasheet
879Kb / 3P
   DUAL OUTPUT
DFC10U48D12 POWER-ONE-DFC10U48D12 Datasheet
879Kb / 3P
   DUAL OUTPUT
More results

Similar Description - DFC10E24S15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com