Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGP12U5S15 Datasheet(PDF) 1 Page - Power-One

Part # DGP12U5S15
Description  SINGLE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DGP12U5S15 Datasheet(HTML) 1 Page - Power-One

  DGP12U5S15 Datasheet HTML 1Page - Power-One DGP12U5S15 Datasheet HTML 2Page - Power-One DGP12U5S15 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
DGP12 SERIES
SINGLE OUTPUT
DESCRIPTION
Providing outputs from 5 volts to 15 volts, the DGP12 series
delivers up to 12 watts with power densities up to 7 watts per cubic
inch (0.43 watts per cm3). Designed to operate on ultra-wide input
voltages from 3.5 to 16 volts, and with remote ON/OFF capability,
the DGP12 supplies power from battery or system sources . The
output of the converter is electrically isolated, thereby allowing
the output to be configured as a positive or negative output
voltage. The fully isolated, shielded case allows precise operation
in sensitive environments.
FEATURES
Up to 12 Watts Output Power
Five-Side Shielded Isolated Copper Case
Ultra-Wide 3.5 to 16 Volt Input Range
Efficiencies to 82%
Fully Isolated and Filtered
700V Isolation
Remote ON/OFF and TRIM
Mechanical tolerances unless otherwise noted:
X.XX dimensions: ±0.020 inches
X.XXX dimensions: ±0.005 inches
NOTES
(1)
All parameters measured at Tc = 25°C, nominal input voltage and full rated load unless otherwise noted.
Refer to the Technical Reference Section for the definition of terms, measurement circuits and other
information.
(2)
See DGP12 Series Application Notes for more information regarding the ON/OFF function.
(3)
The Case is tied to the -Output pin.
(4)
The functional temperature range is intended to give an additional data point for use in evaluating this
power supply. At the low functional temperature the power supply will function with no side effects,
however, sustained operation at the high functional temperature will reduce expected operational life.
The data sheet specifications are not guaranteed beyond the case operating range.
(5)
The case thermal impedance is specified as the case temperature rise over ambient per package watt
dissipated.
(6)
Reduced output power is available at 3.5V input. Full power is available above 4.6 volts.
1
BOTTOM VIEW
SIDE VIEW
0.000
2.02
(51.31)
0.040 (1.02) DIA
6 PLACES
2.02
(51.31)
2
3
7
6
5
0.700
0.300
0.100
0.600
0.400
0.51
(7.62)
(2.54)
(13.0)
(17.78)
(15.24)
(10.16)
Rev. 04/2000


Similar Part No. - DGP12U5S15

ManufacturerPart #DatasheetDescription
logo
Power-One
DGP12U5D12 POWER-ONE-DGP12U5D12 Datasheet
798Kb / 3P
   DUAL OUTPUT
logo
Bel Fuse Inc.
DGP12U5D12 BEL-DGP12U5D12 Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
logo
Power-One
DGP12U5D15 POWER-ONE-DGP12U5D15 Datasheet
798Kb / 3P
   DUAL OUTPUT
DGP12U5D5 POWER-ONE-DGP12U5D5 Datasheet
798Kb / 3P
   DUAL OUTPUT
More results

Similar Description - DGP12U5S15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com