Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OAP310027 Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # OAP310027
Description  ECL and PECL Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

OAP310027 Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  OAP310027 Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OAE, OAP, OAP3 Series
ECL and PECL Oscillator
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
ELECTRICAL SPECIFICATIONS
Revision: 1994-B
Frequency Range
20.000MHz to 250.000MHz
Operating Temperature Range
0°C to 70°C / -20°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage
ECL = ±5.2Vdc ±5%
PECL = +5.0Vdc ±5% / +3.3Vdc ±5%
Input Current
140mA Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±100ppm, ±50ppm, ±25ppm, ±10ppm/±20ppm (0°
C to 70°C)
Output Voltage Logic High (Voh)
ECL Output
-1.0Vdc Minimum / -0.7Vdc Maximum
PECL Output
4.0Vdc Minimum / 4.5Vdc Maximum
Output Voltage Logic Low (Vol)
ECL Output
-1.95Vdc Minimum / -1.6Vdc Maximum
PECL Output
3.0Vdc Minimum / 3.42Vdc Maximum
Rise Time / Fall Time
20% to 80% of Waveform
2nSeconds Maximum
Duty Cycle
@1.4Vdc w/TTL Load
50 ±10% (Standard), 50±5% (Optional)
Load Drive Capability
ECL Output / AA, AB, AM / AC
PECL Output
50 Ohms into -2.0Vdc / 50 Ohms into +3.0Vdc
50 Ohms into +3.0Vdc
Aging (@ 25°C)
±5ppm / year Maximum
Start Up Time
20mSeconds Maximum
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
OAE 100 27 AA C - 30.000MHz
Package
OAE
= 14 Pin Dip / ±5.2Vdc / ECL
OAP
= 14 Pin Dip / +5.0Vdc / PECL
OAP3 = 14 Pin Dip / +3.3Vdc / PECL
Inclusive Stability
100= +/-100ppm, 50= +/-50ppm, 25= +/-25ppm,
10= +/-10ppm @ 25°C / +/-20ppm @ 0-70°C
Pin One Connection
Blank = No Connect
C = Complimentary Output
Pin Configurationy
See Table Below
ECL = AA, AB, AC, AB
PECL = A, B, C, E
Operating Temperature Range
Blank = 0°C to 70°C
27 = -20°C to 70°C (50ppm and 100ppm Only)
48 = -40°C to 85°C (50ppm and 100ppm Only)
MECHANICAL DIMENSIONS
Marking Guide
ECL
PIN CONFIGURATIONS
PECL
AA
AB
AM
Pin 1
Ground/
Case
No Connect
or
Comp. Output
No Connect
or
Comp. Output
Pin 7
-5.2V
-5.2V
Case Ground
Pin 8
ECL Output
ECL Output
ECL Output
Pin 14
Ground
Case Ground
-5.2Vdc
A
C
D
E
Pin 1
No
Connect
No
Connect
PECL
Comp. Out
PECL
Comp. Out
Pin 7
Vee
(Case Ground)
Vee
Vee
Vee
(Case Ground)
Pin 8
PECL
Output
PECL
Output
PECL
Output
PECL
Output
Pin 14
Vcc
Vcc
(Case Ground)
Vcc
Vcc
20.8
MAX
13.2
MAX
15.240
±0.203
7.620
±.203
0.457
±0.1 (X4)
5.08
MAX
0.9
MAX
Insulated Standoffs
(Glass)
5.08
MIN
1
7
8
14
All Dimensions in mm.
14 Pin Full Size
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Marking Guide
Line 1: Caliber
Line 2: Complete Part Number
Line 3: Frequency in MHz
Line 4: Date Code (Year/Week)
CALIBER
PART NUMBER
FREQUENCY
DATE CODE


Similar Part No. - OAP310027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OAP310027AAC ETC2-OAP310027AAC Datasheet
74Kb / 1P
   ECL and PECL Oscillator
OAP310027ABC ETC2-OAP310027ABC Datasheet
74Kb / 1P
   ECL and PECL Oscillator
OAP310027AC ETC2-OAP310027AC Datasheet
74Kb / 1P
   ECL and PECL Oscillator
OAP310027ACC ETC2-OAP310027ACC Datasheet
74Kb / 1P
   ECL and PECL Oscillator
OAP310027AMC ETC2-OAP310027AMC Datasheet
74Kb / 1P
   ECL and PECL Oscillator
More results

Similar Description - OAP310027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OAE ETC2-OAE Datasheet
74Kb / 1P
   ECL and PECL Oscillator
OAE10027AAC ETC2-OAE10027AAC Datasheet
79Kb / 2P
   ECL and PECL Oscillator
logo
Golledge Electronics Lt...
GXO-E93 GOLLEDGE-GXO-E93 Datasheet
65Kb / 1P
   ECL/ PECL OSCILLATOR
logo
Arizona Microtek, Inc
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Nel Frequency Controls,...
HA-A870 NEL-HA-A870 Datasheet
262Kb / 2P
   Positive ECL (PECL)
HA-A870 NEL-HA-A870_10 Datasheet
62Kb / 2P
   Positive ECL (PECL)
HS-A870 NEL-HS-A870_10 Datasheet
61Kb / 2P
   Positive ECL (PECL)
SJ-870 NEL-SJ-870_10 Datasheet
103Kb / 3P
   Positive ECL (PECL)
HS-A870 NEL-HS-A870 Datasheet
260Kb / 2P
   Positive ECL (PECL)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com