Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK1601-7R Datasheet(PDF) 4 Page - Power-One

Part # CK1601-7R
Description  150 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

CK1601-7R Datasheet(HTML) 4 Page - Power-One

  CK1601-7R Datasheet HTML 1Page - Power-One CK1601-7R Datasheet HTML 2Page - Power-One CK1601-7R Datasheet HTML 3Page - Power-One CK1601-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.power-one.ch
Cassette Style
K Series
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
32 28 24 20 16 12
8
4
Connector type H15
S10010
30 26 22 18 14 10
6
Accessories
Front panels 19" (Schroff/Intermas)
Mating H15/H15S4 connectors with screw, solder, fast-on or press-fit terminals
Connector retention facilities and code key system for connector coding
Chassis or wall mounting plates for frontal access
Universal mounting brackets for chassis or DIN-rail mounting
159 (6.25")
4.5 (0.18")
168.5 (6.63")
80 (3.15")
7 TE
9 TE
Measuring point of
case temperature
T
C
171.93 (6.77") (DIN 41494)
50 (1.97")
S09002
Test jacks
Option P (Uo)
Option D (Uti)
LED OK
LED i
LED IoL
Option D (Uto)
Connector type H15 S4
S10010
32/30
24 20 16 12
4/6
26/28 22 18 14 10/8
Pin allocation


Similar Part No. - CK1601-7R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CK1608100M-T TAIYO-YUDEN-CK1608100M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK1608100M-T TAIYO-YUDEN-CK1608100M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (CK series)
CK1608100M-T TAIYO-YUDEN-CK1608100M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (CK series)
CK16084R7M-T TAIYO-YUDEN-CK16084R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK16084R7M-T TAIYO-YUDEN-CK16084R7M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (CK series)
More results

Similar Description - CK1601-7R

ManufacturerPart #DatasheetDescription
logo
ETA-USA
EPE-28SC28-A ETA-USA-EPE-28SC28-A Datasheet
123Kb / 3P
   150 WATT DC-DC Converters
logo
List of Unclassifed Man...
CHB150-110S ETC2-CHB150-110S Datasheet
165Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CHB150-110S CINCON-CHB150-110S Datasheet
204Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
Power-One
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
CK2540-9ERD3TB1 POWER-ONE-CK2540-9ERD3TB1 Datasheet
596Kb / 34P
   150 Watt DC-DC and AC-DC Converters
logo
CINCON ELECTRONICS Corp...
CQB150-300S CINCON-CQB150-300S Datasheet
212Kb / 2P
   150 WATT 2:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-24S05 CINCON-CQB150W-24S05 Datasheet
616Kb / 2P
   150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-110S CINCON-CQB150W-110S Datasheet
318Kb / 2P
   150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB150 CINCON-CHB150 Datasheet
126Kb / 2P
   99 - 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com